Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA200AIDGKT Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA200AIDGKT
Description  High-Side Measurement Current-Shunt Monitor with Comparator and Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA200AIDGKT Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button INA200AIDGKT Datasheet HTML 5Page - Burr-Brown (TI) INA200AIDGKT Datasheet HTML 6Page - Burr-Brown (TI) INA200AIDGKT Datasheet HTML 7Page - Burr-Brown (TI) INA200AIDGKT Datasheet HTML 8Page - Burr-Brown (TI) INA200AIDGKT Datasheet HTML 9Page - Burr-Brown (TI) INA200AIDGKT Datasheet HTML 10Page - Burr-Brown (TI) INA200AIDGKT Datasheet HTML 11Page - Burr-Brown (TI) INA200AIDGKT Datasheet HTML 12Page - Burr-Brown (TI) INA200AIDGKT Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
INA200
INA201
INA202
SBOS374 − NOVEMBER 2006
www.ti.com
9
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = +12V, VIN+ = 12V, and VSENSE = 100mV, unless otherwise noted.
600
599
598
597
596
595
594
593
592
591
590
2
4
6
8
10
12
14
16
Supply Voltage (V)
COMPARATOR TRIP POINT vs SUPPLY VOLTAGE
18
602
601
600
599
598
597
596
−50
−25
025
50
75
100
Temperature (
_C)
COMPARATOR TRIP POINT vs TEMPERATURE
125
200
175
150
125
100
75
50
0
20
40
60
80
100
120
140
160
180
Overdrive Voltage (mV)
COMPARATOR PROPAGATION DELAY
vs OVERDRIVE VOLTAGE
200
1.2
1.0
0.8
0.6
0.4
0.2
0
2
4
6
8
10
12
14
16
Supply Voltage (V)
COMPARATOR RESET VOLTAGE vs
SUPPLY VOLTAGE
18
300
275
250
225
200
175
150
125
−50
−25
025
50
75
100
Temperature (
_C)
COMPARATOR PROPAGATION DELAY vs
TEMPERATURE
125
COMPARATOR PROPAGATION DELAY
Input
200mV/div
Output
2V/div
2
µs/div
V
OD =5mV


Similar Part No. - INA200AIDGKT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA200AIDGKT BURR-BROWN-INA200AIDGKT Datasheet
285Kb / 19P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA200AIDGKT TI1-INA200AIDGKT Datasheet
1Mb / 32P
[Old version datasheet]   INA20x High-Side Measurement Current-Shunt Monitor
INA200AIDGKT TI1-INA200AIDGKT Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
logo
Burr-Brown (TI)
INA200AIDGKTG4 BURR-BROWN-INA200AIDGKTG4 Datasheet
285Kb / 19P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA200AIDGKTG4 TI1-INA200AIDGKTG4 Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
More results

Similar Description - INA200AIDGKT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA202AID TI1-INA202AID Datasheet
1,017Kb / 26P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA201-Q1 TI1-INA201-Q1 Datasheet
703Kb / 21P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AIDR TI1-INA200AIDR Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AID TI1-INA200AID Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200 TI1-INA200_17 Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
INA200 TI-INA200_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com