Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ29415DCTRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ29415DCTRG4
Description  VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ29415DCTRG4 Datasheet(HTML) 1 Page - Texas Instruments

  BQ29415DCTRG4 Datasheet HTML 1Page - Texas Instruments BQ29415DCTRG4 Datasheet HTML 2Page - Texas Instruments BQ29415DCTRG4 Datasheet HTML 3Page - Texas Instruments BQ29415DCTRG4 Datasheet HTML 4Page - Texas Instruments BQ29415DCTRG4 Datasheet HTML 5Page - Texas Instruments BQ29415DCTRG4 Datasheet HTML 6Page - Texas Instruments BQ29415DCTRG4 Datasheet HTML 7Page - Texas Instruments BQ29415DCTRG4 Datasheet HTML 8Page - Texas Instruments BQ29415DCTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.ti.com
FEATURES
FUNCTION
APPLICATIONS
GND
OUT
VDD
CD
VC4
VC1
VC3
1
2
VC2
3
4
5
6
7
8
DCTPACKAGE
(TOPVIEW)
1
2
3
4
8
7
6
5
VC1
VC2
VC3
GND
OUT
VDD
CD
VC4
PWPACKAGE
(TOPVIEW)
DESCRIPTION
bq29410, bq29411, bq29412, bq29413
bq29414, bq29415, bq29419
SLUS669E – AUGUST 2005 – REVISED MAY 2007
VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES
(2nd-LEVEL PROTECTION)
• 2-, 3-, or 4-Cell Secondary Protection
Each cell in a multiple-cell pack is compared to an
internal reference voltage. If one cell reaches an
• Low Power Consumption I
CC < 2 µA
overvoltage
condition,
the
protection
sequence
[VCELL(ALL) < V(PROTECT)]
begins. The bq2941x device starts charging an
• Fixed High Accuracy Overvoltage Protection
external capacitor through the CD pin. When the CD
Threshold
pin voltage reaches 1.2 V, the OUT pin changes
bq29410 = 4.35 V
from a low level to a high level.
bq29411 = 4.40 V
bq29412 = 4.45 V
bq29413 = 4.50 V
bq29414 = 4.55 V
bq29415 = 4.60 V
bq29419 = 4.30 V
• Programmable Delay Time of Detection
• High Power Supply Ripple Rejection
• Stable During Pulse Charge Operation
• 2nd-Level Overvoltage Protection in Li-Ion
Battery Packs in:
Notebook Computers
Portable Instrumentation
Portable Equipment
The bq2941x is a secondary overvoltage protection
IC for 2-, 3-, or 4-cell lithium-ion battery packs that
incorporates a high-accuracy precision overvoltage
detection circuit. It includes a programmable delay
circuit for overvoltage detection time.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2005–2007, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ29415DCTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29415DCTR TI-BQ29415DCTR Datasheet
204Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29415DCTR TI1-BQ29415DCTR Datasheet
1Mb / 19P
[Old version datasheet]   VOLTAGE PROTECTION
More results

Similar Description - BQ29415DCTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29410 TI-BQ29410 Datasheet
204Kb / 13P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Li-Ion BATTERIES (2nd-LEVEL PROTECTION)
BQ29440 TI-BQ29440 Datasheet
487Kb / 15P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29440 TI-BQ29440_1 Datasheet
641Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries (Second-Level Protection)
BQ29441 TI-BQ29441 Datasheet
558Kb / 17P
[Old version datasheet]   Voltage Protection for 2-Series, 3-Series, or 4-Series Cell Li-Ion Batteries
BQ29400 TI-BQ29400 Datasheet
152Kb / 10P
[Old version datasheet]   VOLTAGE PROTECTION FOR 2-, 3-, OR 4-CELL Lion BATTERIES
logo
Shenzhen Huazhimei Semi...
DW01V HMSEMI-DW01V Datasheet
499Kb / 10P
   Ideal protection circuit for single-cell Li-Ion or Li-Polymer batteries
logo
Texas Instruments
BQ29200 TI-BQ29200 Datasheet
585Kb / 15P
[Old version datasheet]   Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com