Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSDM0365RL Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FSDM0365RL
Description  Green Mode Fairchild Power Switch (FPSTM)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSDM0365RL Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FSDM0365RL Datasheet HTML 6Page - Fairchild Semiconductor FSDM0365RL Datasheet HTML 7Page - Fairchild Semiconductor FSDM0365RL Datasheet HTML 8Page - Fairchild Semiconductor FSDM0365RL Datasheet HTML 9Page - Fairchild Semiconductor FSDM0365RL Datasheet HTML 10Page - Fairchild Semiconductor FSDM0365RL Datasheet HTML 11Page - Fairchild Semiconductor FSDM0365RL Datasheet HTML 12Page - Fairchild Semiconductor FSDM0365RL Datasheet HTML 13Page - Fairchild Semiconductor FSDM0365RL Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
FSDH0265RN, FSDM0265RN
10
Figure 6. Over Load Protection (OLP)
4.2 Thermal Shutdown (TSD) : The Sense FET and the
control IC are integrated, making it easier for the control IC
to detect the temperature of the Sense FET. When the tem-
perature exceeds approximately 140
°C, thermal shutdown is
activated.
4.3 Abnormal Over Current Protection (AOCP) : Even
though the FPS has OLP (Over Load Protection) and current
mode PWM feedback, these are not enough to protect the
FPS when a secondary side diode short or a transformer pin
short occurs. In addition to start-up, soft-start is also
activated at each restart attempt during auto-restart and when
restarting after latch mode is activated. The FPS has an
internal AOCP (Abnormal Over Current Protection) circuit,
as shown in Figure 7. When the gate turn-on signal is applied
to the power Sense FET, the AOCP block is enabled and
monitors the current through the sensing resistor. The
voltage across the resistor is then compared with a preset
AOCP level. If the sensing resistor voltage is greater than the
AOCP level, pulse-by-pulse AOCP is triggered regardless of
uncontrollable LEB time. Here, pulse-by-pulse AOCP stops
the Sense FET within 350ns after it is activated.
Figure 7. Abnormal Over Current Protection (AOCP)
4.4 Over Voltage Protection (OVP) : In the event of a mal-
function in the secondary side feedback circuit, or an open
feedback loop caused by a soldering defect, the current
through the opto-coupler transistor becomes almost zero
(refer to Figure 5). Then, VFB climbs up in a similar manner
to the over load situation, forcing the preset maximum cur-
rent to be supplied to the SMPS until the over load protection
is activated. Because excess energy is provided to the output,
the output voltage may exceed the rated voltage before the
over load protection is activated, resulting in the breakdown
of the devices in the secondary side. In order to prevent this
situation, an over voltage protection (OVP) circuit is
employed. In general, Vcc is proportional to the output volt-
age and the FPS uses Vcc instead of directly monitoring the
output voltage. If VCC exceeds 19V, OVP circuit is activated
resulting in termination of the switching operation. In order
to avoid undesired activation of OVP during normal opera-
tion, Vcc should be properly designed to be below 19V.
V
FB
t
3V
6V
Over Load Protection
t
12= CFB×(V(t2)-V(t1)) / IDELAY
t
1
t
2
V
t
V
V
t
V
A
I
I
t
V
t
V
C
t
DELAY
DELAY
FB
6
)
(
,
3
)
(
,
5
;
)
(
)
(
2
1
1
2
12
=
=
=
=
µ
Vsense
V
FB,in
Gate Driver
Rsense
CLK
Drain
V
AOCP
PWM
COMPARATOR
AOCP
COMPARATOR
LEB
R
SQ


Similar Part No. - FSDM0365RL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0365RL FAIRCHILD-FSDM0365RL Datasheet
479Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0365RL FAIRCHILD-FSDM0365RL Datasheet
935Kb / 22P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0365RL FAIRCHILD-FSDM0365RL Datasheet
914Kb / 20P
   Green Mode Fairchild Power Switch (FPS TM)
FSDM0365RL FAIRCHILD-FSDM0365RL Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0365RL FAIRCHILD-FSDM0365RL Datasheet
510Kb / 20P
   Green Mode Fairchild Power Switch
More results

Similar Description - FSDM0365RL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM101 FAIRCHILD-FSDM101 Datasheet
542Kb / 14P
   Green Mode Fairchild Power Switch (FPSTM)
FSDL0365RN FAIRCHILD-FSDL0365RN_05 Datasheet
938Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0565RBWDTU FAIRCHILD-FSDM0565RBWDTU Datasheet
267Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0565RB FAIRCHILD-FSDM0565RB_06 Datasheet
470Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM311 FAIRCHILD-FSDM311 Datasheet
721Kb / 16P
   Green Mode Fairchild Power Switch (FPSTM)
FSDH0170RNB FAIRCHILD-FSDH0170RNB Datasheet
598Kb / 19P
   Green Mode Fairchild Power Switch (FPSTM)
FSDL0165RN FAIRCHILD-FSDL0165RN Datasheet
479Kb / 20P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM0365RN FAIRCHILD-FSDM0365RN Datasheet
935Kb / 22P
   Green Mode Fairchild Power Switch (FPSTM)
FSD210 FAIRCHILD-FSD210 Datasheet
391Kb / 18P
   Green Mode Fairchild Power Switch (FPSTM)
FSES0765RG FAIRCHILD-FSES0765RG Datasheet
249Kb / 18P
   Green Mode Fairchild Power Switch (FPS) for Green Mode Fairchild Power Switch (FPSTM) for
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com