|
| PTQA430025_0612 |
|
||
|
TI |
|
6 page
www.ti.com PIN DESCRIPTIONS Sense(+) +VO Adjust Sense(−) −VO PTQA430xxxN (Top View) +VI On/Off 1 2 3 −VI 5 6 7 4 8 SLTS261A – MAY 2006 – REVISED DECEMBER 2006 +VI: The positive input for the module with respect to –VI. When powering the module from a –48-V telecom central office supply, this input is connected to the primary system ground. –VI: The negative input supply for the module, and the 0 VDC reference for the Remote On/Off input. When powering the module from a +48-V supply, this input is connected to the 48-V return. Remote On/Off: This input controls the On/Off status of the output voltage. It is either driven low (–VI potential), or left open-circuit. For units identified with the NEN option, applying a logic low to this pin will enable the output. And for units identified with the PEN option, the output will be disabled. VO Adjust: Allows the output voltage to be trimmed by up or down between +10% and –20% of its nominal value. The adjustment method uses a single external resistor. Connecting the resistor between VO Adjust and –VO adjusts the output voltage lower, and placing it between VO Adjust and +VO adjusts the output higher. The calculations for the resistance value follows industry standard formulas. For further information consult the application note on output voltage adustment. +VO: The positive power output with respect to –VO, which is DC isolated from the input supply pins. If a negative output voltage is desired, +VO should be connected to the secondary circuit common and the output taken from –VO. –VO: The negative power output with respect to +VO, which is DC isolated from the input supply pins. This output is normally connected to the secondary circuit common when a positive output voltage is desired. Sense(+): Provides the converter with an output sense capability to regulate the set-point voltage directly at the load. When used with Sense(-), the regulation circuitry will compensate for voltage drop between the converter and the load. The pin may be left open circuit, but connecting it to +VO will improve load regulation. Sense(–): Provides the converter with an output sense capability when used in conjunction with Sense(+) input. For optimum output voltage accuracy this pin should always be connected to –VO. 6 |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PTB48500 | Dual-Output 48-V Input Isolated DC/DC Converter for xDSL | 1 2 3 4 5 More | Texas Instruments |
| PTEA404120 | 50-W 48-V INPUT 12-V OUTPUT ISOLATED DC/DC CONVERTER | 1 2 3 4 5 More | Texas Instruments |
| PT4400 | 75-W 48-V Input Isolated DC/DC Converter | 1 2 3 4 5 More | Texas Instruments |
| PTB48560A | 30-W 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK TM SEQUENCING | 1 2 3 4 5 More | Texas Instruments |
| ART28XXT | 28V Input Triple Output / HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER | 1 2 3 4 5 More | International Rectifier |
| U6229B | DC/DC Converter - Power Supply 28 V | 1 2 3 4 5 More | TEMIC Semiconductors |
| AAT1150_06 | 1MHz 1A Step-Down DC/DC Converter | 1 2 3 4 5 More | Advanced Analogic Technologies |
| SI-8025JF | Step-Down to 2.5 V 1.5 A DC/DC Converter | 1 2 3 4 5 More | Allegro MicroSystems |
| AP1506 | 150KHz 3A PWM BUCK DC/DC CONVERTER | 1 2 3 4 5 More | Diodes Incorporated |
| AP1501A_1 | 150Khz 5A PWM Buck DC/DC Converter | 1 2 3 4 5 More | Anachip Corp |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |