Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSLV16211MTDX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSLV16211MTDX
Description  24-Bit Bus Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSLV16211MTDX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSLV16211MTDX Datasheet HTML 1Page - Fairchild Semiconductor FSLV16211MTDX Datasheet HTML 2Page - Fairchild Semiconductor FSLV16211MTDX Datasheet HTML 3Page - Fairchild Semiconductor FSLV16211MTDX Datasheet HTML 4Page - Fairchild Semiconductor FSLV16211MTDX Datasheet HTML 5Page - Fairchild Semiconductor FSLV16211MTDX Datasheet HTML 6Page - Fairchild Semiconductor FSLV16211MTDX Datasheet HTML 7Page - Fairchild Semiconductor FSLV16211MTDX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
March 2007
© 2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSLV16211 Rev. 1.0.1
FSLV16211
24-Bit Bus Switch
Features
5
Ω switch connection between two ports
Minimal propagation delay through the switch
Low lCC
Zero bounce in flow-through mode
Packaged in Fine-Pitch Ball Grid Array (FBGA) and
Thin Shrink Small Outline Package (TSSOP)
Description
The FSLV16211 is a 24-bit, high-speed, low-voltage bus
switch. The low on resistance of the switch allows inputs
to be connected to outputs without adding propagation
delay or generating additional ground bounce noise.
This device’s design allows this part to be used as a 12-
bit or 24-bit bus switch. When OE1 is LOW, Port 1A is
connected to Port 1B. When OE2 is LOW, Port 2A is
connected to Port 2B.
Ordering Information
Part Number
Pb-Free
Operating
Temperature
Range
Package
Packing Method
FSLV16211GX
Yes
-40°C to 85°C
54-Ball, Fine-Pitch Ball Grid Array (FBGA),
JEDEC MO-205, 5.5mm Wide
Tape and Reel
FSLV16211MTD
Yes
-40°C to 85°C
56-Lead, Thin Shrink Small Outline
Package (TSSOP), JEDEC
M0-153, 6.1mm Wide
Trays
FSLV16211MTDX
Yes
-40°C to 85°C
56-Lead, Thin Shrink Small Outline
Package (TSSOP), JEDEC
M0-153, 6.1mm Wide
Tape and Reel
Application Diagram
Figure 1. Logic Diagram


Similar Part No. - FSLV16211MTDX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSLV16211MTDX ONSEMI-FSLV16211MTDX Datasheet
431Kb / 9P
   24-Bit Bus Switch
October 2010 Rev. 1.0.2
logo
Fairchild Semiconductor
FSLV16211MTDX FAIRCHILD-FSLV16211MTDX_10 Datasheet
298Kb / 7P
   24-Bit Bus Switch
More results

Similar Description - FSLV16211MTDX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSLV16211 FAIRCHILD-FSLV16211 Datasheet
239Kb / 6P
   24-Bit Bus Switch
logo
Pericom Semiconductor C...
PI5C16211AEX PERICOM-PI5C16211AEX Datasheet
467Kb / 4P
   24-Bit Bus Switch
logo
ON Semiconductor
FST16211 ONSEMI-FST16211 Datasheet
392Kb / 9P
   24-Bit Bus Switch
Revised July 2002
logo
Nexperia B.V. All right...
74CBTLV1621 NEXPERIA-74CBTLV1621 Datasheet
374Kb / 18P
   24-bit bus switch
74CBTLV16211 NEXPERIA-74CBTLV16211 Datasheet
373Kb / 18P
   24-bit bus switch
Rev. 7 - 9 November 2016
logo
Fairchild Semiconductor
FST16211 FAIRCHILD-FST16211 Datasheet
287Kb / 8P
   24-Bit Bus Switch
logo
NXP Semiconductors
74CBTLV16211 PHILIPS-74CBTLV16211_15 Datasheet
158Kb / 16P
   24-bit bus switch
Rev. 6-15 December 2011
logo
Texas Instruments
SN74CBT16211 TI-SN74CBT16211 Datasheet
68Kb / 5P
[Old version datasheet]   24-BIT BUS SWITCH
logo
Pericom Semiconductor C...
PI5C16211 PERICOM-PI5C16211 Datasheet
115Kb / 3P
   24-Bit Bus Switch
logo
ON Semiconductor
FSLV16211 ONSEMI-FSLV16211 Datasheet
431Kb / 9P
   24-Bit Bus Switch
October 2010 Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com