Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTQA430033 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PTQA430033
Description  100-W 48-V INPUT ISOLATED DC/DC CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTQA430033 Datasheet(HTML) 5 Page - Texas Instruments

  PTQA430033 Datasheet HTML 1Page - Texas Instruments PTQA430033 Datasheet HTML 2Page - Texas Instruments PTQA430033 Datasheet HTML 3Page - Texas Instruments PTQA430033 Datasheet HTML 4Page - Texas Instruments PTQA430033 Datasheet HTML 5Page - Texas Instruments PTQA430033 Datasheet HTML 6Page - Texas Instruments PTQA430033 Datasheet HTML 7Page - Texas Instruments PTQA430033 Datasheet HTML 8Page - Texas Instruments PTQA430033 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS PTQA420050
PTQA430025, PTQA430033, PTQA420050
SLTS261A – MAY 2006 – REVISED DECEMBER 2006
(Unless otherwise stated, T
A =25°C, VI = 48 V, VO = 5.0 V, CO = 0 µF, and IO = IOmax)
PTQA420050
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO
Output Current
Over VI range
0
20
A
VI
Input Voltage Range
Over IO Range
36
48
75
V
VO tol
Set Point Voltage
±1(1)
%VO
Tolerance
Regtemp Temperature Variation
–40
°C >T
A > 85°C
±1.15
%VO
Regline
Line Regulation
Over VI range
±5
mV
Regload Load Regulation
Over IO range
±5
mV
∆V
otot
Total Output Voltage
Includes set-point, line, load, –40
°C >T
A > 85°C
±1.5
±3 %V
O
Variation
∆V
ADJ
Output Adjust Range
PO≤ 100 W
–20
10
%VO
η
Efficiency
IO = 50% IOmax
92.5%
VR
VO Ripple (pk-pk)
20 MHz bandwidth
50
100
mVpp
ttr
0.1 A/
µs slew rate, 50% to 75% I
Omax
100
µs
Transient Response
∆V
tr
VO over/undershoot
50
mV
ITRIP
Overcurrent Threshold
Shutdown, followed by auto-recovery
29
A
OVP
Output Overvoltage
Output shutdown and latch off
120
%VO
Protection
OTP
Over Temperature
Temperature Measurement at thermal sensor. Hysteresis = 10
°C
105
° C
Protection
nominal.
fs
Switching Frequency
Over VI range
300
kHz
VOFF
VI decreasing, IO = 6 A
32.5
UVLO
Undervoltage Lockout
V
VHYS
Hysteresis
1.5
On/Off Input: Negative Enable
VIH
Input High Voltage
2.4
Open(2)
Referenced to –VI
V
VIL
Input Low Voltage
–0.2
0.8
IIL
Input Low Current
–0.3
mA
On/Off Input: Positive Enable
VIH
Input High Voltage
4.5
Open(2)
Referenced to –VI
V
VIL
Input Low Voltage
–0.2
0.8
IIL
Input Low Current
–0.5
mA
IIsb
Standby Input Current
Output disabled (pin 2 status set to Off)
58
mA
CI
External Input Capacitance
Between +VI and –VI
100
µF
CO
External Output
Between +VO and –VO
0
30000
µF
Capacitance
Isolation Voltage
Input-to-output and input-to-case
1500
Vdc
Isolation Capacitance
Input-to-output
1200
pF
Isolation Resistance
Input-to-output
10
M
(1)
If Sense(–) is not used, pin 5 must be connected to pin 4 for optimum output voltage accuracy.
(2)
The Remote On/Off input has an internal pull-up and may be controlled with an open collector (drain) interface. An open circuit
correlates to a logic high. Consult the application notes for interface considerations.
5
Submit Documentation Feedback


Similar Part No. - PTQA430033

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTQA430033 TI-PTQA430033 Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PTQA430033N2AD TI-PTQA430033N2AD Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PTQA430033N2AS TI-PTQA430033N2AS Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PTQA430033N2AZ TI-PTQA430033N2AZ Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PTQA430033P2AD TI-PTQA430033P2AD Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
More results

Similar Description - PTQA430033

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTQA430025 TI-PTQA430025 Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4400 TI-PT4400 Datasheet
218Kb / 10P
[Old version datasheet]   75-W 48-V Input Isolated DC/DC Converter
PT3401C TI-PT3401C Datasheet
285Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com