Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6296DHZ-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6296DHZ-T
Description  FlexiHash??For Battery Authentication
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6296DHZ-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6296DHZ-T Datasheet HTML 7Page - Intersil Corporation ISL6296DHZ-T Datasheet HTML 8Page - Intersil Corporation ISL6296DHZ-T Datasheet HTML 9Page - Intersil Corporation ISL6296DHZ-T Datasheet HTML 10Page - Intersil Corporation ISL6296DHZ-T Datasheet HTML 11Page - Intersil Corporation ISL6296DHZ-T Datasheet HTML 12Page - Intersil Corporation ISL6296DHZ-T Datasheet HTML 13Page - Intersil Corporation ISL6296DHZ-T Datasheet HTML 14Page - Intersil Corporation ISL6296DHZ-T Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
FN9201.1
January 17, 2007
TABLE 2. HOST TIMING DEFINITIONS OF SYMBOLS AND BUS SIGNALING
PARAMETER
SYM
DESCRIPTION
MIN
TYP
MAX
UNIT
Bit Time
BTH
x = 0.5, 1, 2, or 4
173.6/x
μs
Deglitch period
tg
PW (Pulse Width) less than this will result in a frame error
0.124
BTH
‘1’ pulse width
t1H
PW in this range will be interpreted as a ‘1’ code
0.227
0.453
BTH
‘0’ pulse width
t0H
PW in this range will be interpreted as a ‘0’ code
0.591
0.824
BTH
‘break’ time
tbH
PW in this range will be interpreted as a ‘break’ command
1
100
BTH
NOTE: Unless otherwise stated, all pulse width (PW) referenced are with respect to an active-low pulse.
TABLE 3. DEVICE TIMING DEFINITIONS OF SYMBOLS AND BUS SIGNALING
PARAMETER
SYM
DESCRIPTION
MIN
TYP
MAX
UNIT
Bit Time
BTD
x = 0.5, 1, 2, or 4
164.2/x
172.8/x
181.4/x
μs
‘1’ pulse width
t1D
‘1’ code transmit pulse width
0.304
BTD
‘0’ pulse width
t0D
‘0’ code transmit pulse width
0.696
BTD
‘break’ time
tbD
PW in this range will be interpreted as a ‘break’ command
1.391
BTD
FIGURE 8. THE CIRCUIT MODEL FOR THE XSD SERIAL BUS
V
DDD
V
DDH
R
PU
TX
RX
TX
RX
HOST
DEVICE
Open-Drain
Port Pin
1.5
μA
ESD
Diode
ESD
Diode
6pF
FIGURE 9. THE BUS SIGNAL TIMING DIAGRAM
glitch
t1
t0
tb
tg
XSD
10
Break
BT
ISL6296


Similar Part No. - ISL6296DHZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6296DHZ-T INTERSIL-ISL6296DHZ-T Datasheet
384Kb / 17P
   FlexiHash For Battery Authentication
ISL6296DHZ-T INTERSIL-ISL6296DHZ-T Datasheet
364Kb / 19P
   FlexiHash??For Battery Authentication
logo
Renesas Technology Corp
ISL6296DHZ-T RENESAS-ISL6296DHZ-T Datasheet
868Kb / 19P
   FlexiHash??For Battery Authentication
More results

Similar Description - ISL6296DHZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6296 INTERSIL-ISL6296_08 Datasheet
364Kb / 19P
   FlexiHash??For Battery Authentication
ISL9206ADHZ-T INTERSIL-ISL9206ADHZ-T Datasheet
357Kb / 17P
   FlexiHash For Battery Authentication
July 30, 2008
ISL6296A INTERSIL-ISL6296A Datasheet
420Kb / 20P
   FlexiHash For Battery Authentication
ISL9206 INTERSIL-ISL9206 Datasheet
370Kb / 16P
   FlexiHash For Battery Authentication
ISL9206A INTERSIL-ISL9206A Datasheet
349Kb / 17P
   FlexiHash For Battery Authentication
ISL6296 INTERSIL-ISL6296 Datasheet
384Kb / 17P
   FlexiHash For Battery Authentication
ISL9206 INTERSIL-ISL9206_07 Datasheet
347Kb / 17P
   FlexiHash For Battery Authentication
logo
Renesas Technology Corp
ISL6296 RENESAS-ISL6296 Datasheet
868Kb / 19P
   FlexiHash??For Battery Authentication
ISL9206 RENESAS-ISL9206 Datasheet
935Kb / 17P
   FlexiHash™ For Battery Authentication
January 5, 2007
logo
Intersil Corporation
ISL6296A INTERSIL-ISL6296A Datasheet
119Kb / 2P
   FlexiHash™ For Battery Authentication
May 26, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com