Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD1040DRG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1040DRG4
Description  LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD1040DRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65HVD1040DRG4 Datasheet HTML 2Page - Texas Instruments SN65HVD1040DRG4 Datasheet HTML 3Page - Texas Instruments SN65HVD1040DRG4 Datasheet HTML 4Page - Texas Instruments SN65HVD1040DRG4 Datasheet HTML 5Page - Texas Instruments SN65HVD1040DRG4 Datasheet HTML 6Page - Texas Instruments SN65HVD1040DRG4 Datasheet HTML 7Page - Texas Instruments SN65HVD1040DRG4 Datasheet HTML 8Page - Texas Instruments SN65HVD1040DRG4 Datasheet HTML 9Page - Texas Instruments SN65HVD1040DRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
2.5 V
3.5V
1.5 V
Recessive
Dominant
O(CANH)
V
O(CANL)
V
TXD
STB
II
VI
VOD
RL
2
IO(CANH)
VO(CANH)
VOC
IO(CANL)
VO(CANL)
VO(CANH) + VO(CANL)
0 V
VOD
+
_
CANH
CANL
TXD
STB
60 W +1%
330 W +1%
330 W +1%
−2 V 3 VTEST 3 7 V
RL = 60 W
+1‘%
VO
STB
CANH
CANH
V I
TXD
(see Note A)
t f
t r
10%
90%
0.9 V
0 V
VO(D)
V I
VO
VO(R)
CL = 100 pF +20%
(see Note B)
VCC
2
VCC
2
tPLH
tPHL
0.5 V
VCC
V O
CANH
CANL
RXD
V I (CANH)
VI (CANL)
I O
V ID
VI(CANH) + VI(CANL)
2
VIC =
SN65HVD1040
SLLS631B – MARCH 2007 – REVISED APRIL 2007
Figure 1. Driver Voltage, Current, and Test Definition
Figure 2. Bus Logic State Voltage Definitions
Figure 3. Driver VOD Test Circuit
Figure 4. Driver Test Circuit and Voltage Waveforms
Figure 5. Receiver Voltage and Current Definitions
6
Submit Documentation Feedback


Similar Part No. - SN65HVD1040DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1040 TI1-SN65HVD1040 Datasheet
454Kb / 26P
[Old version datasheet]   LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
SN65HVD1040-HT TI1-SN65HVD1040-HT Datasheet
454Kb / 26P
[Old version datasheet]   LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
SN65HVD1040-Q1 TI-SN65HVD1040-Q1 Datasheet
350Kb / 16P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1040-Q1 TI1-SN65HVD1040-Q1 Datasheet
454Kb / 26P
[Old version datasheet]   LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1 Datasheet
359Kb / 17P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
More results

Similar Description - SN65HVD1040DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1040-HT TI1-SN65HVD1040-HT Datasheet
454Kb / 26P
[Old version datasheet]   LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
logo
Infineon Technologies A...
TLE6251D INFINEON-TLE6251D_16 Datasheet
773Kb / 27P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.1 2016-06-06
TLE6251DS INFINEON-TLE6251DS Datasheet
571Kb / 22P
   High Speed CAN-Transceiver with Bus wake-up
Rev. 3.1, Aug. 2007
TLE8251V INFINEON-TLE8251V Datasheet
1Mb / 35P
   High Speed CAN Transceiver with Bus Wake-up
Rev. 1.0 2016-07-15
TLE7251V INFINEON-TLE7251V_15 Datasheet
2Mb / 36P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.0, 2015-09-10
TLE6251D INFINEON-TLE6251D_12 Datasheet
1Mb / 27P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.0, 2012-07-27
IFX1040 INFINEON-IFX1040 Datasheet
1Mb / 20P
   High Speed CAN-Transceiver with Stand-By Mode and Bus wake-up
Rev. 1.0, 2011-11-4
TLE6251G INFINEON-TLE6251G Datasheet
342Kb / 31P
   High Speed CAN-Transceiver with Wake Detection
Rev. 3.2, Apr. 2006
TLE6251G INFINEON-TLE6251G_08 Datasheet
1Mb / 32P
   High Speed CAN-Transceiver with Wake Detection
Rev. 3.3, June 2008
logo
ON Semiconductor
NCV7343 ONSEMI-NCV7343 Datasheet
246Kb / 23P
   CAN FD Transceiver, Low Power, with INH, WAKE and Error Detection
February, 2021 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com