Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTQA430025N2AZ Datasheet(PDF) 1 Page - Texas Instruments

Part # PTQA430025N2AZ
Description  100-W 48-V INPUT ISOLATED DC/DC CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTQA430025N2AZ Datasheet(HTML) 1 Page - Texas Instruments

  PTQA430025N2AZ Datasheet HTML 1Page - Texas Instruments PTQA430025N2AZ Datasheet HTML 2Page - Texas Instruments PTQA430025N2AZ Datasheet HTML 3Page - Texas Instruments PTQA430025N2AZ Datasheet HTML 4Page - Texas Instruments PTQA430025N2AZ Datasheet HTML 5Page - Texas Instruments PTQA430025N2AZ Datasheet HTML 6Page - Texas Instruments PTQA430025N2AZ Datasheet HTML 7Page - Texas Instruments PTQA430025N2AZ Datasheet HTML 8Page - Texas Instruments PTQA430025N2AZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.ti.com
FEATURES
DESCRIPTION
L
O
A
D
SENSE (–)
SENSE (+)
PTQA430xxxN
5
2
7
Adjust
8
6
4
1
3
+VO
Sense(+)
−VO
Sense(−)
+VI
−VI
+VI
−VI
+VO
−VO
CI
(Optional)
CO
(Optional)
Remote
On/Off
PTQA430025, PTQA430033, PTQA420050
SLTS261A – MAY 2006 – REVISED DECEMBER 2006
100-W 48-V INPUT ISOLATED DC/DC CONVERTER
• 100-W Output
The PTQA series of power modules are single-output
isolated DC/DC converters, housed in an industry
• Input Voltage Range: 36 V to 75 V
standard quarter-brick package. These modules are
• 92% Efficiency
rated up to 100W with a maximum load current of up
• 1500 Vdc Isolation
to 30 A.
• Fast Transient Response
The PTQA series operates from a standard 48-V
• On/Off Control
telecom central office (CO) supply and occupies only
3.3 in2 of PCB area. The modules offer OEMs a
• Overcurrent Protection
compact and flexible high-output power source in an
• Differential Remote Sense
industry standard footprint. They are suitable for
• Adjustable Output Voltage
distributed power applications in both telecom and
• Output Overvoltage Protection
computing environments, and may be used for
powering high-end microprocessors, DSPs, general
• Over-Temperature Shutdown
purpose logic and analog.
• Undervoltage Lockout
Features include a remote On/Off control with
• Standard 1/4-Brick Footprint
optional logic polarity, an
undervoltage
lockout
• UL Safety Agency Approval
(UVLO), a differential remote sense, and an industry
standard output voltage adjustment using an external
resistor.
Protection
features
include
output
overcurrent protection (OCP), overvoltage protection
(OVP), and thermal shutdown (OTP).
The modules are fully integrated for stand-alone
operation, and require no additional components.
STANDARD APPLICATION
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PTQA430025N2AZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTQA430025N2AZ TI-PTQA430025N2AZ Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
More results

Similar Description - PTQA430025N2AZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTQA430025 TI-PTQA430025 Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4400 TI-PT4400 Datasheet
218Kb / 10P
[Old version datasheet]   75-W 48-V Input Isolated DC/DC Converter
PT3401C TI-PT3401C Datasheet
285Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com