Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTQA430033N2AZ Datasheet(PDF) 2 Page - Texas Instruments

Part # PTQA430033N2AZ
Description  100-W 48-V INPUT ISOLATED DC/DC CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTQA430033N2AZ Datasheet(HTML) 2 Page - Texas Instruments

  PTQA430033N2AZ Datasheet HTML 1Page - Texas Instruments PTQA430033N2AZ Datasheet HTML 2Page - Texas Instruments PTQA430033N2AZ Datasheet HTML 3Page - Texas Instruments PTQA430033N2AZ Datasheet HTML 4Page - Texas Instruments PTQA430033N2AZ Datasheet HTML 5Page - Texas Instruments PTQA430033N2AZ Datasheet HTML 6Page - Texas Instruments PTQA430033N2AZ Datasheet HTML 7Page - Texas Instruments PTQA430033N2AZ Datasheet HTML 8Page - Texas Instruments PTQA430033N2AZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATING
PTQA430025, PTQA430033, PTQA420050
SLTS261A – MAY 2006 – REVISED DECEMBER 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this datasheet, or see the TI
website at www.ti.com.
PART NUMBERING SCHEME
Input
Output
Output Voltage
Enable
Electrical Options
Pin Style
Voltage
Current
PTQA
4
30
033
N
2
A
D
4 = 48 V
30 = 30A
025 = 2.5 V
N = Negative
2 = VO Adjust
D = Through-hole, Pb-free
20 = 20A
033 = 3.3 V
P = Positive
S = SMD, SnPb solder ball
050 = 5.0 V
Z = SMD, SnAgCu solder ball
UNIT
TA
Operating Temperature
Over VI Range
–40
°C to 85°C(1)
Range
VI,
Continuous voltage
80 V
Maximum Input Voltage
MAX
Peak voltage for 100 ms duration
100 V
PTQA420050x2
100 W
PO,
Maximum Output Power
PTQA430033x2
MAX
PTQA430025x2
75 W
TS
Storage Temperature
–40
°C to 125°C
AD Suffix
250 G
Per Mil-STD-883, Method 2002.3 1 ms, 1/2
Mechanical Shock
Sine, mounted
AS or AZ Suffix
175 G
AD Suffix
15 G
Per Mil-STD-883, Method 2007.2 20-2000 Hz,
Mechanical Vibrarion
PCB mounted
AS or AZ Suffix
2.5 G
Weight
30 grams
Flammability
Meets UL 94V-O
(1)
See SOA curves or consult factory for appropriate derating.
2
Submit Documentation Feedback


Similar Part No. - PTQA430033N2AZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTQA430033N2AZ TI-PTQA430033N2AZ Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
More results

Similar Description - PTQA430033N2AZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTQA430025 TI-PTQA430025 Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4400 TI-PT4400 Datasheet
218Kb / 10P
[Old version datasheet]   75-W 48-V Input Isolated DC/DC Converter
PT3401C TI-PT3401C Datasheet
285Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com