Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6297 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6297
Description  Li-ion/Li Polymer Battery Charger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6297 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6297_07 Datasheet HTML 5Page - Intersil Corporation ISL6297_07 Datasheet HTML 6Page - Intersil Corporation ISL6297_07 Datasheet HTML 7Page - Intersil Corporation ISL6297_07 Datasheet HTML 8Page - Intersil Corporation ISL6297_07 Datasheet HTML 9Page - Intersil Corporation ISL6297_07 Datasheet HTML 10Page - Intersil Corporation ISL6297_07 Datasheet HTML 11Page - Intersil Corporation ISL6297_07 Datasheet HTML 12Page - Intersil Corporation ISL6297_07 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FN9215.1
March 20, 2007
threshold is reached, all counters are reset to zero, the
charge state machine is reset, the V2P9 pin outputs 2.9V,
the open-drain MOSFET on the DT pin is turned on, and the
ambient temperature monitoring circuit starts to function.
EN Pin
If all other charge conditions are met, pulling the EN pin low
starts the ISL6297 charge operation. In a typical application,
EN connects to the ID pin of a battery pack. Inside the
battery pack the ID pin connects to ground through a
resistance of less than 27k
Ω. When the battery is not
attached to the charger, the ISL6297 internally pulls the EN
pin high to disable the charger. An RC filter on the ISL6297
EN input improves the charger ESD protection.
Table 1 summarizes the status of each pin when the EN pin
disables the IC.
Plug-in Indication
After power is applied to the ISL6297 and VIN exceeds the
POR threshold, the LEDs provide a Plug-in Indication
sequence. First the RED LED turns on for 500ms, then the
GREEN LED turns on for 500ms, then both turn on for
500ms (giving a YELLOW indication), and finally all the
LEDs turn off.
The ISL6297 turns on an LED by pulling the output line LOW
with a constant current of 10mA (typical). A typical bi-color
LED needs no series resistor for the LED connection,
however, current can be minimized by adding a serial
resistor in each LED path.
Idle Condition and Battery Connection
Once VIN is greater than (VBAT + 50mV) and the
temperature is within the allowed range the ISL6297 is ready
to start the charge operation. Charging is initiated by
plugging in the battery, which pulls the EN pin low.
Connection Verification
The EN pin going low starts a 500ms delay. After the delay,
the ISL6297 turns on the charger for 70ms with a trickle
charge current and an output voltage of VIN. If no battery is
connected, the VSEN voltage will go up to approximately
VIN. If no battery is detected after the 70ms period, the
ISL6297 terminates the charge operation, turns off the
output voltage, and sets the LEDs off. The device remains in
this state until the EN pin is toggled or the device goes
through a power cycle. (See Figure 5.)
If the battery is connected within the 70ms open battery
detect period, the voltage on VSEN pin needs to drop below
the (falling) threshold of about 4.3V before the end of the
70ms period. If not, then the battery has not been properly
connected and an open battery connection fault condition
exists, requiring a power cycle or a toggle of EN.
After the 500ms delay, if a battery is connected, the VSEN
voltage will remain below the 4.4V threshold and the
ISL6297 assumes that the battery is connected. The device
turns on the Red LED to indicate a charge operation and
starts a short circuit detection. (See Figure 4.)
If the battery positive terminal comes loose and reconnects
after this time, the charge operation sequence continues, but
the LED indicates an end of charge condition, regardless of
the state of charge.
Short Circuit Detection
To detect a short circuit condition the ISL6297 forces the
trickle charge current to the battery. If, after 384 cycles, the
battery voltage is below 1V, the ISL6297 considers the
battery or connection to be short-circuited. In this condition,
the charger turns off and a flashing yellow indicator displays
the occurance of this “non-temperture” fault.
To clear a short circuit fault condition requires that the enable
pin be toggled, by removing the battery pack, or by cycling
the power on the charger.
Trickle Charge
If there is no short circuit the voltage is higher than 1V and
the charge operation continues with a trickle charge. In the
trickle charge, the ISL6297 applies 10% of the programmed
current to the battery. If the voltage on the cell is greater than
2.8V after 15 clock cycles, then the ISL6297 applies the full
constant current charge to the cell. However, if the voltage
on the cell does not rise above 2.8V in one eighth (1/8) of the
TIMEOUT period, then a non-temperature fault occurs and
the charger is turned off. A flashing yellow indicator
announces this condition.
TABLE 1. SUMMARY OF PIN BEHAVIOR WHEN THE IC IS
DISABLED BY THE EN PIN
PIN
BEHAVIOR
V2P9
Outputs 2.9V.
RED
High impedance.
GRN
High impedance.
DT
Low impedance.
IREF
Outputs 0.8V.
IMIN
Outputs 0.8V.
TEMP
The temperature monitoring circuit remains functioning.
ISL6297


Similar Part No. - ISL6297_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6297CR INTERSIL-ISL6297CR Datasheet
432Kb / 16P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6297CR RENESAS-ISL6297CR Datasheet
786Kb / 17P
   Li-ion/Li Polymer Battery Charger
logo
Intersil Corporation
ISL6297CR-T INTERSIL-ISL6297CR-T Datasheet
432Kb / 16P
   Li-ion/Li Polymer Battery Charger
ISL6297CRZ INTERSIL-ISL6297CRZ Datasheet
432Kb / 16P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6297CRZ RENESAS-ISL6297CRZ Datasheet
786Kb / 17P
   Li-ion/Li Polymer Battery Charger
More results

Similar Description - ISL6297_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
logo
uPI Group Inc.
UP8001A UPI-UP8001A Datasheet
443Kb / 16P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL78692 RENESAS-ISL78692 Datasheet
990Kb / 18P
   Li-ion/Li-Polymer Battery Charger
logo
Intersil Corporation
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com