Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6299AIRZ-T Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6299AIRZ-T
Description  Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6299AIRZ-T Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6299AIRZ-T Datasheet HTML 1Page - Intersil Corporation ISL6299AIRZ-T Datasheet HTML 2Page - Intersil Corporation ISL6299AIRZ-T Datasheet HTML 3Page - Intersil Corporation ISL6299AIRZ-T Datasheet HTML 4Page - Intersil Corporation ISL6299AIRZ-T Datasheet HTML 5Page - Intersil Corporation ISL6299AIRZ-T Datasheet HTML 6Page - Intersil Corporation ISL6299AIRZ-T Datasheet HTML 7Page - Intersil Corporation ISL6299AIRZ-T Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
FN9212.1
January 3, 2006
Typical Applications
A Simple Charger Accepting Power from Both a USB Port and a Desktop Cradle
TO BATTERY
CRDL
BAT
ICDL
IMIN
TO USB
CONNECTOR
C
1
R
3
C
3
USB
EN
CHG
C
2
TOCRADLE
CONNECTOR
R
ICD
L
R
1
USBON
ON
OFF
GND
PPR
R
2
D
1
D
2
DISABLE
ENABLE
R
IMIN
COMPONENT SELECTION
RICDL
28.71k
Ω for 0.55A cradle charge current
RIMIN
158k
Ω for 80mA end-of-charge current
R2, R3
350
C1, C2, C3
1µF ceramic capacitor
R1
1
D1, D2
LEDs
A Simple Charger with Programmable Charge Current and Wide Input Voltage Range
TO BATTERY
CRDL
BAT
ICDL
IMIN
C
1
R
3
C
3
USB
EN
CHG
TOCRADLE
CONNECTOR
R
ICDL
USBON
GND
PPR
R
2
D
1
D
2
DISABLE
ENABLE
R
IMIN
COMPONENT SELECTION
RICDL
28.71k
Ω for 0.55A cradle charge current
RIMIN
158k
Ω for 80mA end-of-charge current
R2, R3
350
C1, C3
1µF ceramic capacitor
R1
1
D1, D2
LEDs
ISL6299A


Similar Part No. - ISL6299AIRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6299AIRZ-T INTERSIL-ISL6299AIRZ-T Datasheet
222Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Renesas Technology Corp
ISL6299AIRZ-T RENESAS-ISL6299AIRZ-T Datasheet
416Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
More results

Similar Description - ISL6299AIRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6293 RENESAS-ISL6293 Datasheet
429Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL6299A INTERSIL-ISL6299A Datasheet
222Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Renesas Technology Corp
ISL6299A RENESAS-ISL6299A Datasheet
416Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL9214AIRZ INTERSIL-ISL9214AIRZ Datasheet
202Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
May 5, 2008
ISL6299 INTERSIL-ISL6299 Datasheet
225Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Renesas Technology Corp
ISL9214 RENESAS-ISL9214 Datasheet
533Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL9214A INTERSIL-ISL9214A Datasheet
205Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
ISL9214 INTERSIL-ISL9214 Datasheet
193Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
ISL6293 INTERSIL-ISL6293 Datasheet
208Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
ISL6293 INTERSIL-ISL6293_06 Datasheet
222Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com