Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6540 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6540
Description  Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6540 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6540 Datasheet HTML 1Page - Intersil Corporation ISL6540 Datasheet HTML 2Page - Intersil Corporation ISL6540 Datasheet HTML 3Page - Intersil Corporation ISL6540 Datasheet HTML 4Page - Intersil Corporation ISL6540 Datasheet HTML 5Page - Intersil Corporation ISL6540 Datasheet HTML 6Page - Intersil Corporation ISL6540 Datasheet HTML 7Page - Intersil Corporation ISL6540 Datasheet HTML 8Page - Intersil Corporation ISL6540 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
FN9214.0
March 9, 2006
Typical Application II (External Linear Regulator without Remote Sense)
ISL6540
Q1
Q2
COMP
FB
GND
VCC
BOOT
UGATE
LSOC
LGATE
LIN
LOUT
CHFIN
CBIN
CBOOT
CHFOUT
CBOUT
RLSOC
R2
C1
C2
CF1
DBOOT
PHASE
VOUT
PGND
PVCC
CF2
REFIN
REFOUT
OFS+
MARCTRL
OFS-
SS
EN
ROFS+
ROFS-
CSS
RFS
FS
VIN
RCC
RHSOC
CHSOC
HSOC
VSEN-
CPG_DLY
C3
R3
R1
PG
PG_DLY
+3.3V to +20V
VMON
VSEN+
VCC
RMARG
LINDRV
VFF
CF3
VCC
ZIN
ZFB
ROS
RvmonOS
Rvmon1
CLC RLC
RDRV
CLSOC
RBOOT
GND
ISL6540


Similar Part No. - ISL6540

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6540 INTERSIL-ISL6540 Datasheet
438Kb / 20P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
logo
Renesas Technology Corp
ISL6540 RENESAS-ISL6540 Datasheet
438Kb / 20P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
July 23, 2008
logo
Intersil Corporation
ISL6540A INTERSIL-ISL6540A Datasheet
448Kb / 22P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
logo
Renesas Technology Corp
ISL6540A RENESAS-ISL6540A Datasheet
1,001Kb / 22P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
logo
Intersil Corporation
ISL6540ACRZ INTERSIL-ISL6540ACRZ Datasheet
448Kb / 22P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
More results

Similar Description - ISL6540

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6540A INTERSIL-ISL6540A Datasheet
448Kb / 22P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
ISL6540 INTERSIL-ISL6540 Datasheet
438Kb / 20P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
logo
Renesas Technology Corp
ISL6540A RENESAS-ISL6540A Datasheet
1,001Kb / 22P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
ISL6540 RENESAS-ISL6540 Datasheet
438Kb / 20P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
July 23, 2008
logo
Intersil Corporation
ISL6608CB INTERSIL-ISL6608CB Datasheet
333Kb / 11P
   Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
March 2004
logo
Renesas Technology Corp
ISL6608 RENESAS-ISL6608 Datasheet
611Kb / 11P
   Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
logo
Intersil Corporation
ISL8115 INTERSIL-ISL8115 Datasheet
888Kb / 24P
   High Voltage Synchronous Buck PWM Controller with Integrated Gate Driver and Current Sharing Capability
logo
Renesas Technology Corp
ISL8115 RENESAS-ISL8115 Datasheet
1Mb / 24P
   High Voltage Synchronous Buck PWM Controller with Integrated Gate Driver and Current Sharing Capability
ISL8120IR RENESAS-ISL8120IR Datasheet
1Mb / 33P
   Dual/n-Phase Buck PWM Controller with Integrated Driver
logo
Anpec Electronics Corop...
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com