Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7318YZFT Datasheet(PDF) 2 Page - Texas Instruments

Part # THS7318YZFT
Description  3-Channel Low-Power EDTV/SDTV Video Line Driver With Low-Pass Filters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7318YZFT Datasheet(HTML) 2 Page - Texas Instruments

  THS7318YZFT Datasheet HTML 1Page - Texas Instruments THS7318YZFT Datasheet HTML 2Page - Texas Instruments THS7318YZFT Datasheet HTML 3Page - Texas Instruments THS7318YZFT Datasheet HTML 4Page - Texas Instruments THS7318YZFT Datasheet HTML 5Page - Texas Instruments THS7318YZFT Datasheet HTML 6Page - Texas Instruments THS7318YZFT Datasheet HTML 7Page - Texas Instruments THS7318YZFT Datasheet HTML 8Page - Texas Instruments THS7318YZFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
THS7318
SLOS517A – JANUARY 2007 – REVISED FEBRUARY 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
over operating free-air temperature range (unless otherwise noted)(1)
VALUE
UNIT
VSS
Supply voltage, VS+ to GND
5.5
V
VI
Input voltage
–0.4 to VS+
V
IO
Output current
±100
mA
Continuous power dissipation
See Dissipation Rating Table
Any condition (2)
150
°C
TJ
Maximum junction temperature
Continuous operation, long term reliability(3)
125
°C
Tstg
Storage temperature range
–65 to 150
°C
HBM
2000
V
ESD ratings
CDM
1500
V
MM
200
V
(1)
Stresses above those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied Exposure to absolute maximum rated conditions for extended periods may degrade device reliability.
(2)
The absolute maximum junction temperature under any condition is limited by the constraints of the silicon process.
(3)
The absolute maximum junction temperature for continuous operation is limited by the package constraints. Operation above this
temperature may result in reduced reliability and/or lifetime of the device.
POWER RATING(2)
θ
JC
θ
JA
(TJ = 125°C)
PACKAGE
(
°C/W)
(
°C/W)
TA = 25°C
TA = 70°C
YZF
38
105
950 mW
428 mW
(1)
This data was taken with the JEDEC High-K test PCB.
(2)
Power rating is determined with a junction temperature of 125
°C. This is the point where distortion starts to substantially increase and
long-term reliability starts to be reduced. Thermal management of the final PCB should strive to keep the junction temperature at or
below 125
°C for best performance and reliability.
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VS+
Supply voltage
2.85
5
V
TA
Ambient temperature
0
70
°C
2
Submit Documentation Feedback


Similar Part No. - THS7318YZFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7318YZFT TI-THS7318YZFT Datasheet
284Kb / 10P
[Old version datasheet]   3-Channel Low-Power EDTV/SDTV Video Line Driver With Low-Pass Filters
More results

Similar Description - THS7318YZFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7318 TI-THS7318 Datasheet
284Kb / 10P
[Old version datasheet]   3-Channel Low-Power EDTV/SDTV Video Line Driver With Low-Pass Filters
THS7319 TI-THS7319 Datasheet
758Kb / 34P
[Old version datasheet]   3-Channel, Very Low Power Video Amplifiers with EDTV Filters and 6-dB Gain
THS7319 TI1-THS7319_14 Datasheet
889Kb / 34P
[Old version datasheet]   3-Channel, Very Low Power Video Amplifiers with EDTV Filters and 6-dB Gain
logo
Renesas Technology Corp
ISL59118 RENESAS-ISL59118 Datasheet
592Kb / 10P
   Dual Video Driver with Low Pass Filter
logo
Intersil Corporation
ISL59118 INTERSIL-ISL59118 Datasheet
314Kb / 10P
   Dual Video Driver with Low Pass Filter
logo
Texas Instruments
THS7314 TI1-THS7314_14 Datasheet
969Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI-THS7314 Datasheet
616Kb / 23P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_17 Datasheet
972Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
logo
Mini-Circuits
K3-LFCN MINI-K3-LFCN Datasheet
306Kb / 1P
   LOW PASS FILTERS
K-SCF MINI-K-SCF Datasheet
248Kb / 1P
   LOW PASS FILTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com