Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7316DRG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS7316DRG4
Description  3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7316DRG4 Datasheet(HTML) 4 Page - Texas Instruments

  THS7316DRG4 Datasheet HTML 1Page - Texas Instruments THS7316DRG4 Datasheet HTML 2Page - Texas Instruments THS7316DRG4 Datasheet HTML 3Page - Texas Instruments THS7316DRG4 Datasheet HTML 4Page - Texas Instruments THS7316DRG4 Datasheet HTML 5Page - Texas Instruments THS7316DRG4 Datasheet HTML 6Page - Texas Instruments THS7316DRG4 Datasheet HTML 7Page - Texas Instruments THS7316DRG4 Datasheet HTML 8Page - Texas Instruments THS7316DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS V
S+ = 3.3 V:
THS7316
SLOS521 – MARCH 2007
R
L = 150 Ω to GND – Reference Figure 2 and Figure 3 (unless otherwise noted)
TYP
OVER TEMPERATURE
0
°C to
–40
°C to
MIN/
PARAMETER
TEST CONDITIONS
25
°C
25
°C
70
°C
85
°C
UNITS
MAX/
TYP
AC PERFORMANCE
Small-signal bandwidth (–3dB)
VO – 0.2 VPP(1)
36
31/43
30/44
30/44
MHz
Min/Max
Large-signal bandwidth (–3dB)
VO – 2 VPP(1)
36
31/43
30/44
30/44
MHz
Min/Max
–1 dB Passband bandwidth
31
MHz
Typ
Attenuation
f = 27 MHz(2)
0.3
–0.3/2.4
–0.35/2.4
–0.4/2.6
dB
Min/Max
With respect to 100 kHz
f = 74 MHz(2)
30
20
19
19
dB
Min
Group delay
f = 100 kHz
16.2
ns
Typ
Group delay variation
f = 27 MHz
5.4
ns
Typ
with respect to 100 kHz
Channel-to-channel delay
0.3
ns
Typ
Differential gain
NTSC / PAL
0.1 /
Typ
0.15%
Differential phase
NTSC / PAL
0.1 / 0.1
°
Typ
Total harmonic distortion
f = 1 MHz; VO = 2 VPP
–70
dB
Typ
Signal to noise ratio
No Weighting, 100 kHz to 37.5 MHz
67
dB
Typ
Channel-to-channel crosstalk
f = 1 MHz
–61
dB
Typ
AC Gain – All channels
6
5.7/6.3
5.65/6.35
5.65/6.35
dB
Min/Max
Output Impedance
f = 10 MHz
0.5
Typ
DC PERFORMANCE
Biased output voltage
VI = 0 V
285
210/370
200/380
190/390
mV
Min/Max
Input voltage range
DC input, limited by output
–0.1/1.46
V
Typ
Sync tip clamp charge current
VI = –0.1 V
360
µA
Typ
Input resistance
800
k
Typ
Input capacitance
2
pF
Typ
OUTPUT CHARACTERISTICS
RL = 150 Ω to 1.65V
3.15
V
Typ
RL = 150 Ω to GND
3.1
2.85
2.75
2.75
V
Min
High output voltage swing
RL = 75 Ω to 1.65V
3.1
V
Typ
RL = 75 Ω to GND
3.0
V
Typ
RL = 150 Ω to 1.65V (VI = –0.15 V)
0.14
V
Typ
RL = 150 Ω to GND (VI = –0.15 V)
0.08
0.17
0.2
0.21
V
Max
Low output voltage swing
RL = 75 Ω to 1.65V (VI = –0.15 V)
0.3
V
Typ
RL = 75 Ω to GND (VI = –0.15 V)
0.1
V
Typ
Output current (sourcing)
RL = 10 Ω to 1.65V
80
mA
Typ
Output current (sinking)
RL = 10 Ω to 1.65V
70
mA
Typ
POWER SUPPLY
Maximum operating voltage
3.3
5.5
5.5
5.5
V
Max
Minimum operating voltage
3.3
2.85
2.85
2.85
V
Min
Maximum quiescent current
VI = 0 V
18.3
22.5
23
23.4
mA
Max
Minimum quiescent current
VI = 0 V
18.3
14
13.6
13.1
mA
Min
Power Supply Rejection (+PSRR)
52
dB
Typ
(1)
The Min/Max values listed for this specification are specified by design and characterization only.
(2)
3.3-V Supply Filter specifications are specified by 100% testing at 5-V supply along with design and characterization only.
4
Submit Documentation Feedback


Similar Part No. - THS7316DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7316DRG4 TI-THS7316DRG4 Datasheet
813Kb / 28P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316DRG4 TI1-THS7316DRG4 Datasheet
1Mb / 29P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316DRG4 TI1-THS7316DRG4 Datasheet
1Mb / 31P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
More results

Similar Description - THS7316DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7316 TI1-THS7316_17 Datasheet
1Mb / 31P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI-THS7316 Datasheet
813Kb / 28P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7316 TI1-THS7316_14 Datasheet
1Mb / 29P
[Old version datasheet]   3-Channel HDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI-THS7314 Datasheet
616Kb / 23P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_14 Datasheet
969Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314EVM TI1-THS7314EVM Datasheet
973Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7314 TI1-THS7314_17 Datasheet
972Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
THS7365 TI-THS7365 Datasheet
1Mb / 53P
[Old version datasheet]   6-Channel Video Amplifier with 3-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7315 TI-THS7315 Datasheet
2Mb / 26P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
THS7315 TI1-THS7315_14 Datasheet
2Mb / 28P
[Old version datasheet]   3-Channel SDTV Video Amplifier with 5th-Order Filters and 5.2-V/V Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com