Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6307AIRZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6307AIRZ
Description  Ultra-high bandwidth 6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6307AIRZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6307AIRZ Datasheet HTML 7Page - Intersil Corporation ISL6307AIRZ Datasheet HTML 8Page - Intersil Corporation ISL6307AIRZ Datasheet HTML 9Page - Intersil Corporation ISL6307AIRZ Datasheet HTML 10Page - Intersil Corporation ISL6307AIRZ Datasheet HTML 11Page - Intersil Corporation ISL6307AIRZ Datasheet HTML 12Page - Intersil Corporation ISL6307AIRZ Datasheet HTML 13Page - Intersil Corporation ISL6307AIRZ Datasheet HTML 14Page - Intersil Corporation ISL6307AIRZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
11
FN9236.0
February 6, 2006
Functional Pin Description
VCC - Supplies all the power necessary to operate the chip.
The controller starts to operate when the voltage on this pin
exceeds the rising POR threshold and shuts down when the
voltage on this pin drops below the falling POR threshold.
Connect this pin directly to a +5V supply.
GND - Bias and reference ground for the IC. The bottom
metal base of ISL6307A is the GND.
EN_PWR - This pin is a threshold-sensitive enable input for
the controller. Connecting the 12V supply to EN_PWR
through an appropriate resistor divider provides a means to
synchronize power-up of the controller and the MOSFET
driver ICs. When EN_PWR is driven above 0.875V, the
ISL6307A is active depending on status of EN_VTT, the
internal POR, and pending fault states. Driving EN_PWR
below 0.745V will clear all fault states and prime the
ISL6307A to soft-start when re-enabled.
EN_VTT - This pin is another threshold-sensitive enable
input for the controller. It’s typically connected to VTT output
of VTT voltage regulator in the computer mother board.
When EN_VTT is driven above 0.875V, the ISL6307A is
active depending on status of ENLL, the internal POR, and
pending fault states. Driving EN_VTT below 0.745V will clear
all fault states and prime the ISL6307A to soft-start when re-
enabled.
FS - Use this pin to set up the desired switching frequency. A
resistor, placed from FS to ground will set the switching fre-
quency. The relationship between the value of the resistor
and the switching frequency will be described by an approxi-
mate Equation 40.
SS - Use this pin to set up the desired start-up oscillator fre-
quency. A resistor, placed from SS to ground will set up the
soft-start ramp rate. The relationship between the value of the
resistor and the soft-start ramp up time will be described by
an approximate Equation 14.
VID7, VID6, VID5, VID4, VID3, VID2, VID1 and VID0 -
These are the inputs to the internal DAC that provide the
reference voltage for output regulation. Connect these pins
either to open-drain outputs with or without external pull-up
resistors or to active pull-up outputs. VID7-VID0 have 40µA
internal pull-up current sources that diminish to zero as the
voltage rises above the logic-high level. These inputs can be
pulled up as high as VCC plus 0.3V.
When a VID code causes a shut-off, the controller needs to
be reset before it will start again.
VSEN and RGND - VSEN and RGND form the precision
differential remote-sense amplifier. This amplifier converts
the differential voltage of the remote output to a single-ended
voltage referenced to local ground. Connect VSEN and
RGND to the sense pins of the remote load.
VDIFF - VDIFF is the amplifier’s output and the input to the
regulation and protection circuitry. It should be connected to
FB through a resistor.
FB and COMP - Inverting input and output of the error
amplifier respectively. FB is connected to VDIFF through a
resistor. A negative current, proportional to output current is
present on the FB pin. A properly sized resistor between
VDIFF and FB sets the load-line (droop). The droop scale
factor is set by the ratio of the ISEN resistors and the lower
MOSFET RDS(ON). COMP is tied back to FB through an
external R-C network to compensate the regulator.
DAC and REF - The DAC output pin is the output of the
precision internal DAC reference. The REF input pin is the
positive input of the Error Amp. In typical applications, a 1k
Ω,
1% resistor is used between DAC and REF to generate a
precise offset voltage. This voltage is proportional to the
offset current determined by the offset resistor from OFS to
ground or VCC. A capacitor is used between REF and
ground to smooth the voltage transition during Dynamic
VID™ operations.
PWM1, PWM2, PWM3, PWM4, PWM5, PWM6 - Pulse-
width modulation outputs. Connect these pins to the PWM
input pins of the Intersil driver IC. The number of active
channels is determined by the state of PWM3, PWM4,
PWM5 and PWM 6. Tie PWM3 to VCC to configure for
2-phase operation. Tie PWM4 to VCC to configure for
3-phase operation. Tie PWM5 to VCC to configure for
4-phase operation. Tie PWM6 to VCC to configure for
5-phase operation.
ISEN1+, ISEN1-; ISEN2+, ISEN2-; ISEN3+, ISEN3-;
ISEN4+, ISEN4-; ISEN5+, ISEN5-; ISEN6+, ISEN6- - The
ISEN+ and ISEN- pins are current sense inputs to individual
differential amplifiers. The sensed current is used as a
reference for channel balancing, protection, and regulation.
Inactive channels should have their respective current sense
inputs left open (for example, for 3-phase operation open
ISEN4+).
For DCR sensing, connect each ISEN- pin to the node
between the RC sense elements. Tie the ISEN+ pin to the
other end of the sense capacitor through a resistor, RISEN.
The voltage across the sense capacitor is proportional to the
inductor current. The sense current is proportional to the
output current, and scaled by the DCR of the inductor and
RISEN.
When configured for RDS(ON) current sensing, the ISEN1-,
ISEN2-, ISEN3-, ISEN4-, ISEN5-, ISEN6- pins are grounded
at the lower MOSFET sources. The ISEN1+, ISEN2+,
ISEN3+, ISEN4+, ISEN5+, ISEN6+ pins are then held at a
virtual ground, such that a resistor connected between them,
and the drain terminal of the associated lower MOSFET, will
carry a current proportional to the current flowing through
that channel. The current is determined by the negative
ISL6307A


Similar Part No. - ISL6307AIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6307AIRZ RENESAS-ISL6307AIRZ Datasheet
1Mb / 33P
   Ultra-high bandwidth 6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing
More results

Similar Description - ISL6307AIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6307A RENESAS-ISL6307A Datasheet
1Mb / 33P
   Ultra-high bandwidth 6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing
logo
Intersil Corporation
ISL6307 INTERSIL-ISL6307 Datasheet
976Kb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
logo
Renesas Technology Corp
ISL6307 RENESAS-ISL6307 Datasheet
1Mb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
logo
Intersil Corporation
ISL6307B INTERSIL-ISL6307B Datasheet
968Kb / 33P
   6-Phase VR11 PWM Controller with 8-Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing for Applications
ISL6306 INTERSIL-ISL6306 Datasheet
699Kb / 33P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
ISL6326 INTERSIL-ISL6326 Datasheet
630Kb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6306 RENESAS-ISL6306 Datasheet
1Mb / 33P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Intersil Corporation
ISL6316 INTERSIL-ISL6316_06 Datasheet
697Kb / 29P
   Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision rDS(ON) or DCR Differential Current Sensing for VR10 Application
logo
Renesas Technology Corp
ISL6316 RENESAS-ISL6316 Datasheet
1Mb / 30P
   Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision rDS(ON) or DCR Differential Current Sensing for VR10 Application
logo
Intersil Corporation
ISL6316 INTERSIL-ISL6316 Datasheet
838Kb / 29P
   Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing for VR10 Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com