Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6567IRZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6567IRZ
Description  Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6567IRZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6567IRZ Datasheet HTML 7Page - Intersil Corporation ISL6567IRZ Datasheet HTML 8Page - Intersil Corporation ISL6567IRZ Datasheet HTML 9Page - Intersil Corporation ISL6567IRZ Datasheet HTML 10Page - Intersil Corporation ISL6567IRZ Datasheet HTML 11Page - Intersil Corporation ISL6567IRZ Datasheet HTML 12Page - Intersil Corporation ISL6567IRZ Datasheet HTML 13Page - Intersil Corporation ISL6567IRZ Datasheet HTML 14Page - Intersil Corporation ISL6567IRZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11
FN9243.2
March 20, 2007
the MOSFET on, the lower MOSFET drive turns the
freewheeling element off. The upper MOSFET is kept on
until the clock signals the beginning of the next switching
cycle and the PWM pulse is terminated.
CURRENT SENSING
ISL6567 senses current by sampling the voltage across the
lower MOSFET during its conduction interval. MOSFET
rDS(ON) sensing is a no-added-cost method to sense current
for load line regulation, channel current balance, module
current sharing, and overcurrent protection.
The ISEN pins are used as current inputs for each channel.
Internally, a virtual ground is created at the ISEN pins. The
RISEN resistors are used to size the current flow through the
ISEN pins, proportional to the lower MOSFETs’ rDS(ON)
voltage, during their conduction periods. The current thus
developed through the ISEN pins is internally averaged, then
the current error signals resulting from comparing the
average to the individual current signals are used for
channel current balancing.
Select the value for the RISEN resistors based on the room
temperature rDS(ON) of the lower MOSFETs and the full-load
total converter output current, IFL. As this current sense path
is also used for OC detection, ensure that at maximum
power train temperature rise and maximum output current
loading the OC protection is not inadvertently tripped. OC
protection current level through the ISEN pins is listed in the
Electrical Specifications table.
CHANNEL-CURRENT BALANCE
Another benefit of multi-phase operation is the thermal
advantage gained by distributing the dissipated heat over
multiple devices and greater area. By doing this, the
designer avoids the complexity of driving multiple parallel
MOSFETs and the expense of using expensive heat sinks
and exotic magnetic materials.
All things being equal, in order to fully realize the thermal
advantage, it is important that each channel in a multi-phase
converter be controlled to deliver about the same current at
any load level. Intersil’s ISL6567 ensure current balance by
comparing each channel’s current to the average current
delivered by both channels and making appropriate
adjustments to each channel’s pulse width based on the
resultant error. The error signal modifies the pulse width to
correct any unbalance and force the error toward zero.
Conversely, should a channel-to-channel imbalance be
desired, such imbalance can be created by adjusting the
individual channel’s RISEN resistor. Asymmetrical layouts,
where one phase of the converter is naturally carrying more
current than the other, or where one of the two phases is
subject to a more stringent thermal environment limiting its
current-carrying capability, are instances where this
adjustment is particularly useful, helping to cancel out the
design-intrinsic thermal or current imbalances.
SOFT-START
The soft-start function allows the converter to bring up the
output voltage in a controlled fashion, resulting in a linear
ramp-up. As soon as the controller is fully enabled for
operation, the SS pin starts to output a small current which
charges the external capacitor, CSS, connected to this pin.
An internal reference clamp controlled by the potential at the
SS pin releases the reference to the input of the error
amplifier with a 1:1 correspondence for SS potential
exceeding 0.7V (typically). Figure 5 details a normal
soft-start startup. The following equation helps determine the
approximate time period during which the controlled output
voltage is ramped from 0V to the desired DC-set level.
Whenever the ISL6567’s power-on reset falling threshold is
tripped, or it is disabled via the EN pin, the SS capacitor is
quickly discharged via an internal pull-down device
(represented as the 1mA, typical, current source).
As the SS pin’s positive excursion is internally clamped to
about 3.5V, insure that any external pull-up device does not
force more than 3mA into this pin.
Should OC protection be tripped while the ISL6567 is
operating in internal-reference mode and the SS pin not be
allowed to fully discharge the SS capacitor, the ISL6567
cannot continue the normal SS cycling.
R
ISEN
r
DS ON
()
50 10 6
×
-----------------------
I
FL
2
--------
=
t
SS
C
SS VREF
I
SS
--------------------------------
=
GND>
FIGURE 5. NORMAL SOFT-START WAVEFORMS FOR
ISL6567-BASED MULTI-PHASE CONVERTER
EN (5V/DIV)
VSS (1V/DIV)
GND>
GND>
GND>
VintREF (0.5V/DIV)
VOUT (0.5V/DIV)
ISL6567
ISL6567


Similar Part No. - ISL6567IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6567IRZ INTERSIL-ISL6567IRZ Datasheet
545Kb / 26P
   Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6567IRZ RENESAS-ISL6567IRZ Datasheet
1Mb / 26P
   Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6567IRZ-T INTERSIL-ISL6567IRZ-T Datasheet
545Kb / 26P
   Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
More results

Similar Description - ISL6567IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6567 INTERSIL-ISL6567 Datasheet
545Kb / 26P
   Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6567 RENESAS-ISL6567 Datasheet
1Mb / 26P
   Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315 Datasheet
519Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6315 RENESAS-ISL6315 Datasheet
907Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6563 INTERSIL-ISL6563 Datasheet
516Kb / 19P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 INTERSIL-ISL8101 Datasheet
404Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com