Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6273IRZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6273IRZ
Description  1.2A Low Quiescent Current 1.5MHz High Efficiency Synchronous Buck Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6273IRZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6273IRZ Datasheet HTML 4Page - Intersil Corporation ISL6273IRZ Datasheet HTML 5Page - Intersil Corporation ISL6273IRZ Datasheet HTML 6Page - Intersil Corporation ISL6273IRZ Datasheet HTML 7Page - Intersil Corporation ISL6273IRZ Datasheet HTML 8Page - Intersil Corporation ISL6273IRZ Datasheet HTML 9Page - Intersil Corporation ISL6273IRZ Datasheet HTML 10Page - Intersil Corporation ISL6273IRZ Datasheet HTML 11Page - Intersil Corporation ISL6273IRZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN9256.0
March 7, 2006
Block Diagram
FIGURE 17. FUNCTIONAL BLOCK DIAGRAM
Note 1:
For adjustable output version, the internal feedback resistor divider is disabled and the FB pin is directly connected
to the error amplifier.
PHASE
+
+
CSA1
+
+
OCP
1V
0.2V
SKIP
+
+
Slope
Comp
Slope
Comp
Soft
Start
Soft
Start
0.8V
EAMP
COMP
PWM/PFM
LOGIC
CONTROLLER
PROTECTION
DRIVER
FB
+
0.736V
0.864V
POR
MODE
Shutdown
PVIN
PGND
Oscillator
Oscillator
Zero -Cross
Sensing
5 Ω
VCC
+
Note 1
Bandgap
SCP
+
0.2V
EN
Shutdown
200ms
Delay
SGND
0.8pF
25pF
400k
PHASE
+
+
CSA1
+
+
OCP
1V
0.2V
SKIP
+
+
Slope
Comp
Slope
Comp
Soft
Start
Soft
Start
0.8V
EAMP
COMP
PWM/PFM
LOGIC
CONTROLLER
PROTECTION
DRIVER
FB
+
0.736V
0.864V
POR
MODE
Shutdown
PVIN
PGND
PHASE
+
+
CSA1
+
+
OCP
1V
0.2V
SKIP
+
+
Slope
Comp
Slope
Comp
Soft
Start
Soft
Start
0.8V
EAMP
COMP
PWM/PFM
LOGIC
CONTROLLER
PROTECTION
DRIVER
FB
+
0.736V
0.864V
POR
MODE
Shutdown
PVIN
PGND
Oscillator
Oscillator
Zero -Cross
Sensing
5 Ω
VCC
+
Oscillator
Oscillator
Zero -Cross
Sensing
5 Ω
VCC
+
Note 1
Bandgap
SCP
+
0.2V
EN
Shutdown
200ms
Delay
SGND
0.8pF
25pF
400k
PHASE
+
+
CSA1
+
+
OCP
1V
0.2V
SKIP
+
+
Slope
Comp
Slope
Comp
Soft
Start
Soft
Start
0.8V
EAMP
COMP
PWM/PFM
LOGIC
CONTROLLER
PROTECTION
DRIVER
FB
+
0.736V
0.864V
POR
MODE
Shutdown
PVIN
PGND
PHASE
+
+
CSA1
+
+
OCP
1V
0.2V
SKIP
+
+
Slope
Comp
Slope
Comp
Soft
Start
Soft
Start
0.8V
EAMP
COMP
PWM/PFM
LOGIC
CONTROLLER
PROTECTION
DRIVER
FB
+
0.736V
0.864V
POR
MODE
Shutdown
PVIN
PGND
Oscillator
Oscillator
Zero -Cross
Sensing
5 Ω
VCC
+
Oscillator
Oscillator
Zero -Cross
Sensing
5 Ω
VCC
+
Note 1
Bandgap
SCP
+
0.2V
EN
Shutdown
200ms
Delay
SGND
0.8pF
25pF
400k
PHASE
+
+
CSA1
+
+
OCP
1V
0.2V
SKIP
+
+
Slope
Comp
Slope
Comp
Soft
Start
Soft
Start
0.8V
EAMP
COMP
PWM/PFM
LOGIC
CONTROLLER
PROTECTION
DRIVER
FB
+
0.736V
0.864V
Note 1
Bandgap
SCP
+
0.2V
EN
Shutdown
200ms
Delay
SGND
0.8pF
25pF
400k
PHASE
+
+
CSA1
+
+
OCP
1V
0.2V
SKIP
+
+
Slope
Comp
Slope
Comp
Soft
Start
Soft
Start
0.8V
EAMP
COMP
PWM/PFM
LOGIC
CONTROLLER
PROTECTION
DRIVER
FB
+
0.736V
0.864V
POR
MODE
Shutdown
PVIN
PGND
PHASE
+
+
CSA1
+
+
OCP
1V
0.2V
SKIP
+
+
Slope
Comp
Slope
Comp
Soft
Start
Soft
Start
0.8V
EAMP
COMP
PWM/PFM
LOGIC
CONTROLLER
PROTECTION
DRIVER
FB
+
0.736V
0.864V
POR
MODE
Shutdown
PVIN
PGND
PHASE
+
+
CSA1
+
+
OCP
1V
0.2V
SKIP
+
+
Slope
Comp
Slope
Comp
Soft
Start
Soft
Start
0.8V
EAMP
COMP
PWM/PFM
LOGIC
CONTROLLER
PROTECTION
DRIVER
FB
+
0.736V
0.864V
POR
MODE
Shutdown
PVIN
PGND
POR
MODE
Shutdown
PVIN
PGND
Oscillator
Oscillator
Zero -Cross
Sensing
5 Ω
VCC
+
Oscillator
Oscillator
Zero -Cross
Sensing
5 Ω
VCC
+
Oscillator
Oscillator
Zero -Cross
Sensing
5 Ω
VCC
+
Note 1
Bandgap
SCP
+
0.2V
EN
Shutdown
200ms
Delay
SGND
0.8pF
25pF
400k
RSI
5
ISL6273


Similar Part No. - ISL6273IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6273IRZ RENESAS-ISL6273IRZ Datasheet
787Kb / 12P
   1.2A Low Quiescent Current 1.5MHz High Efficiency Synchronous Buck Regulator
ISL6273IRZ-T RENESAS-ISL6273IRZ-T Datasheet
787Kb / 12P
   1.2A Low Quiescent Current 1.5MHz High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL6273IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6273 RENESAS-ISL6273 Datasheet
787Kb / 12P
   1.2A Low Quiescent Current 1.5MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL9106 INTERSIL-ISL9106 Datasheet
413Kb / 13P
   1.2A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL9106 RENESAS-ISL9106 Datasheet
698Kb / 13P
   1.2A 1.6MHz Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Shenzhen Huazhimei Semi...
HM3406H HMSEMI-HM3406H Datasheet
540Kb / 7P
   Low Quiescent Current 1.5MHz, 700mA Synchronous Buck Regulator
logo
Intersil Corporation
ISL78214ARZ INTERSIL-ISL78214ARZ Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 12, 2015
logo
Renesas Technology Corp
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8016_1105 INTERSIL-ISL8016_1105 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
ISL8016 INTERSIL-ISL8016 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8018 RENESAS-ISL8018 Datasheet
1Mb / 21P
   8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com