Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9212 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL9212
Description  Charging System Safety Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9212 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL9212 Datasheet HTML 1Page - Intersil Corporation ISL9212 Datasheet HTML 2Page - Intersil Corporation ISL9212 Datasheet HTML 3Page - Intersil Corporation ISL9212 Datasheet HTML 4Page - Intersil Corporation ISL9212 Datasheet HTML 5Page - Intersil Corporation ISL9212 Datasheet HTML 6Page - Intersil Corporation ISL9212 Datasheet HTML 7Page - Intersil Corporation ISL9212 Datasheet HTML 8Page - Intersil Corporation ISL9212 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN9280.1
May 8, 2006
Absolute Maximum Ratings (Reference to GND)
Thermal Information
Supply Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 30V
Output and VB Pin (OUT, VB) (Note 1) . . . . . . . . . . . . . . . -0.3 to 7V
Other Pins (ILIM, WRN, EN) . . . . . . . . . . . . . . . . . . . . . -0.3 to 5.5V
Recommended Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . .-40°C to 85°C
Supply Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.3V to 6.5V
Operating Current Range. . . . . . . . . . . . . . . . . . . . . . . . . 0A to 1.5A
Thermal Resistance (Notes 2, 3)
θJA (°C/W) θJC (°C/W)
4x3 DFN Package . . . . . . . . . . . . . . . .
41
3.5
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. The maximum voltage rating for the VB pin under continuous operating conditions is 5.5V. All other pins are allowed to operate continuously at
the absolute maximum ratings.
2.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
3.
θJC, “case temperature” location is at the center of the exposed metal pad on the package underside. See Tech Brief TB379.
Electrical Specifications
Typical values are tested at VIN = 5V and 25°C Ambient Temperature, maximum and minimum values are
guaranteed over the recommended operating conditions, unless otherwise noted.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POWER-ON RESET
Rising VIN Threshold
VPOR
2.4
2.58
2.7
V
POR Hysteresis
-
100
-
mV
VIN Bias Current
IVIN
When enabled
0.75
0.9
1.05
mA
VIN Bias Current
When disabled
30
60
100
μA
PROTECTIONS
Input Overvoltage Protection (OVP)
VOVP
6.65
6.8
7.0
V
Input OVP Hysteresis
-
60
100
mV
Input OVP Falling Threshold
6.55
-
-
V
Input OVP Propagation Delay
--
1
μs
Overcurrent Protection
IOCP
VVB = 3V, RILIM = 25kΩ
0.93
1.0
1.07
A
Overcurrent Protection Blanking Time
BTOCP
-
170
-
μs
Battery Overvoltage Protection Threshold
VBOVP
4.325
4.4
4.475
V
Battery OVP Threshold Hysteresis
-75-
mV
Battery OVP Falling Threshold
4.225
-
-
V
Battery OVP Blanking Time
BTBOVP
-
180
-
μs
VB Pin Leakage Current
VVB = 4.4V
-
-
20
nA
Over Temperature Protection Rising Threshold
-
140
-
°C
Over Temperature Protection Falling Threshold
-
90
-
°C
LOGIC
EN Input Logic HIGH
1.5
-
-
V
EN Input Logic LOW
--
0.4
V
EN Internal Pull Down Resistor
100
200
400
k
Ω
WRN Output Logic Low
Sink 5mA current
-
0.35
0.8
V
WRN Output Logic High Leakage Current
-
-
1
μA
POWER MOSFET
On Resistance
RDS(ON)
4.6V < VIN < 6.5V
-
170
280
m
Ω
ISL9212


Similar Part No. - ISL9212

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9212 INTERSIL-ISL9212 Datasheet
535Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9212 RENESAS-ISL9212 Datasheet
873Kb / 11P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9212A INTERSIL-ISL9212A Datasheet
489Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9212A RENESAS-ISL9212A Datasheet
823Kb / 11P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9212AIRZ INTERSIL-ISL9212AIRZ Datasheet
489Kb / 11P
   Charging System Safety Circuit
More results

Similar Description - ISL9212

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9209C INTERSIL-ISL9209C Datasheet
611Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9211A RENESAS-ISL9211A Datasheet
624Kb / 13P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9212A INTERSIL-ISL9212A Datasheet
489Kb / 11P
   Charging System Safety Circuit
ISL9212B INTERSIL-ISL9212B Datasheet
534Kb / 11P
   Charging System Safety Circuit
ISL9209B INTERSIL-ISL9209B Datasheet
599Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9212B RENESAS-ISL9212B Datasheet
877Kb / 11P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9212 INTERSIL-ISL9212 Datasheet
535Kb / 11P
   Charging System Safety Circuit
ISL9211A INTERSIL-ISL9211A Datasheet
385Kb / 12P
   Charging System Safety Circuit
ISL9209BIRZ INTERSIL-ISL9209BIRZ Datasheet
602Kb / 11P
   Charging System Safety Circuit
March 21, 2007
ISL9211BIRU58XZ-T INTERSIL-ISL9211BIRU58XZ-T Datasheet
380Kb / 12P
   Charging System Safety Circuit
November 4, 2014
ISL9211A INTERSIL-ISL9211A Datasheet
202Kb / 12P
   Charging System Safety Circuit
August 25, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com