Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSTUD16211GX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FSTUD16211GX
Description  24-Bit Bus Switch with −2V Undershoot Protection and Level Shifting
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTUD16211GX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FSTUD16211GX Datasheet HTML 1Page - Fairchild Semiconductor FSTUD16211GX Datasheet HTML 2Page - Fairchild Semiconductor FSTUD16211GX Datasheet HTML 3Page - Fairchild Semiconductor FSTUD16211GX Datasheet HTML 4Page - Fairchild Semiconductor FSTUD16211GX Datasheet HTML 5Page - Fairchild Semiconductor FSTUD16211GX Datasheet HTML 6Page - Fairchild Semiconductor FSTUD16211GX Datasheet HTML 7Page - Fairchild Semiconductor FSTUD16211GX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Connection Diagrams
Pin Assignment for TSSOP
Pin Assignment for FBGA
(Top Thru View)
Pin Descriptions
Pin Assignment for FBGA
Truth Table
Pin Name
Description
OE1, OE2
Bus Switch Enables
1A, 2A
Bus A
1B, 2B
Bus B
NC
No Connect
1
234
56
A
1A2
1A1
NC
OE2
1B1
1B2
B
1A4
1A3
1A7
OE1
1B3
1B4
C
1A6
1A5
GND
1B7
1B5
1B6
D
1A10
1A9
1A8
1B8
1B9
1B10
E
1A12
1A11
2A1
2B1
1B11
1B12
F
2A4
2A3
2A2
2B2
2B3
2B4
G
2A6
2A5
VCC
GND
2B5
2B6
H
2A8
2A7
2A9
2B9
2B7
2B8
J
2A12
2A11
2A10
2B10
2B11
2B12
Inputs
Inputs/Outputs
OE1
OE2
1A, 1B
2A, 2B
LL
1A
= 1B
2A
= 2B
LH
1A
= 1B
Z
HL
Z
2A
= 2B
HH
Z
Z


Similar Part No. - FSTUD16211GX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTUD16211GX FAIRCHILD-FSTUD16211GX Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
More results

Similar Description - FSTUD16211GX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSTUD16211 FAIRCHILD-FSTUD16211 Datasheet
300Kb / 8P
   24-Bit Bus Switch with -2V Undershoot Protection and Level Shifting
FSTU3384 FAIRCHILD-FSTU3384_06 Datasheet
109Kb / 5P
   10-Bit Bus Switch with −2V Undershoot Protection
FSTU6800 FAIRCHILD-FSTU6800_06 Datasheet
191Kb / 5P
   10-Bit Bus Switch with Precharged Outputs and −2V Undershoot Protection
FSTU32X384 FAIRCHILD-FSTU32X384_06 Datasheet
250Kb / 6P
   20-Bit Low Power Bus Switch with −2V Undershoot Protection
FSTUD32211 FAIRCHILD-FSTUD32211 Datasheet
246Kb / 8P
   40/48-Bit Bus Switch with -2V Undershoot Protection and Level Shifting (Preliminary)
FSTD16211 FAIRCHILD-FSTD16211 Datasheet
322Kb / 7P
   24-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD16211 ONSEMI-FSTD16211 Datasheet
410Kb / 9P
   24-Bit Bus Switch with Level Shifting
Revised April 2005
logo
Fairchild Semiconductor
FSTUD16450 FAIRCHILD-FSTUD16450_06 Datasheet
425Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD16450 FAIRCHILD-FSTUD16450 Datasheet
416Kb / 11P
   Configurable 4-Bit to 20-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
FSTUD32450 FAIRCHILD-FSTUD32450 Datasheet
495Kb / 13P
   Configurable 4-Bit to 40-Bit Bus Switch with -2V Undershoot Protection and Selectable Level Shifting
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com