Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9014IRJRZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL9014IRJRZ
Description  Dual LDO with Low Noise, Low IQ, and High PSRR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9014IRJRZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL9014IRJRZ Datasheet HTML 2Page - Intersil Corporation ISL9014IRJRZ Datasheet HTML 3Page - Intersil Corporation ISL9014IRJRZ Datasheet HTML 4Page - Intersil Corporation ISL9014IRJRZ Datasheet HTML 5Page - Intersil Corporation ISL9014IRJRZ Datasheet HTML 6Page - Intersil Corporation ISL9014IRJRZ Datasheet HTML 7Page - Intersil Corporation ISL9014IRJRZ Datasheet HTML 8Page - Intersil Corporation ISL9014IRJRZ Datasheet HTML 9Page - Intersil Corporation ISL9014IRJRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN9245.2
April 26, 2006
FIGURE 7. VO1 DROPOUT VOLTAGE vs LOAD CURRENT
FIGURE 8. GROUND CURRENT vs INPUT VOLTAGE
FIGURE 9. GROUND CURRENT vs LOAD
FIGURE 10. GROUND CURRENT vs TEMPERATURE
FIGURE 11. POWER-UP/POWER-DOWN
FIGURE 12. TURN-ON/TURN-OFF RESPONSE
Typical Performance Curves (Continued)
100
125
150
175
75
50
25
0
25
50
75
100
125
150
175
200
0
OUTPUT LOAD (mA)
VO1 = 3.3V
85°C
25°C
-40°C
30
35
40
45
55
25
4.0
5.0
6.5
INPUT VOLTAGE (V)
50
3.0
3.5
4.58
5.5
6.0
IO(BOTH CHANNELS) = 0µA
VO1 = 3.3V
VO2 = 2.8V
-40°C
25°C
125°C
200
160
100
20
0
50
100
150
200
250
400
0
LOAD CURRENT (mA)
350
300
VO1 = 3.3V
VIN = 3.8V
VO2 = 2.8V
40
60
80
120
140
180
85°C
-40°C
25°C
35
25
-10
20
50
110
-40
TEMPERATURE (°C)
45
50
55
40
30
-25
5
35
80
65
95
125
VIN = 3.8V
VO = 3.3V
ILOAD = 0µA
BOTH OUTPUTS ON
2
3
4
5
1
0
12
34
5
6
7
10
TIME (s)
89
VO2
VO1
VIN
0
VO1 = 3.3V
VO2 = 2.8V
IL1 = 300mA
IL2 = 300mA
1
3
0
2
0
100
200
300
400
500
600
700
800
0
TIME (µs)
5
VO1 = 3.3V
VIN = 5.0V
IL1 = 300mA
CL-1, CL-2 = 1µF
CBYP = 0.01µF
900
1000
VO2 (10mV/DIV)
IL2 = 300mA
VO2 = 2.8V
ISL9014


Similar Part No. - ISL9014IRJRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9014IRJRZ INTERSIL-ISL9014IRJRZ Datasheet
217Kb / 11P
   Dual LDO with Low Noise, Low IQ and High PSRR
logo
Renesas Technology Corp
ISL9014IRJRZ RENESAS-ISL9014IRJRZ Datasheet
550Kb / 11P
   Dual LDO with Low Noise, Low IQ and High PSRR
More results

Similar Description - ISL9014IRJRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Intersil Corporation
ISL9011AIRNNZ INTERSIL-ISL9011AIRNNZ Datasheet
320Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
September 1, 2015
ISL9014AIRNNZ INTERSIL-ISL9014AIRNNZ Datasheet
211Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
March 11, 2008
ISL9012 INTERSIL-ISL9012 Datasheet
233Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9011A INTERSIL-ISL9011A Datasheet
208Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9011A RENESAS-ISL9011A Datasheet
584Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
ISL9012 RENESAS-ISL9012 Datasheet
595Kb / 12P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9014 RENESAS-ISL9014 Datasheet
550Kb / 11P
   Dual LDO with Low Noise, Low IQ and High PSRR
logo
Intersil Corporation
ISL9012 INTERSIL-ISL9012_06 Datasheet
235Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com