Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97652 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL97652
Description  4-Channel Integrated LCD Supply with Dual VCOM Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97652 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL97652 Datasheet HTML 1Page - Intersil Corporation ISL97652 Datasheet HTML 2Page - Intersil Corporation ISL97652 Datasheet HTML 3Page - Intersil Corporation ISL97652 Datasheet HTML 4Page - Intersil Corporation ISL97652 Datasheet HTML 5Page - Intersil Corporation ISL97652 Datasheet HTML 6Page - Intersil Corporation ISL97652 Datasheet HTML 7Page - Intersil Corporation ISL97652 Datasheet HTML 8Page - Intersil Corporation ISL97652 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
®
FN9287.0
ISL97652
4-Channel Integrated LCD Supply with
Dual VCOM Amplifiers
The ISL97652 represents a high power, integrated LCD
supply IC targeted at large panel LCD displays. The
ISL97652 integrates a high power, boost converter for AVDD
generation, delay switch, regulated VON and VOFF charge
pumps, VON slicing circuitry, a buck regulator for logic supply
generation and dual high power VCOM amplifiers.
Operating at 650kHz or 1.3MHz, the AVDD boost converter
features a 2.8A boost FET. A short circuit protected AVDD
delay switch is integrated to provide sequencing of the AVDD
output. Feedback is taken from the far side of the delay FET
for improved regulation and an OVP circuit protects output
side components. The boost features programmable
soft-start.
The asynchronous buck converter features an integrated
2.5A FET. It also operates from the 650kHz or 1.3MHz
internal clock and features separate enable and soft-start
control.
The dual charge pump controllers used for VON and VOFF
generation uses the full FOSC switching frequency to allow
the use of small output components for board space
efficiency. VON is further processed through an integrated
VON-SLICE circuit for reduced flicker.
The integrated amplifiers feature high slew-rate and high
output current capability. They are permanently enabled
when AVIN is present.
Available in the 48 Ld 7mmx7mm QFN package, the
ISL97652 is specified for ambient operation over the
-40°C to +85°C temperature range.
Features
• 8V to 15V input supply
•AVDD boost up to 19.5V (OVP threshold), with integrated
2.8APEAK FET
• Overvoltage protection (OVP)
• 2A integrated AVDD delay FET, with short circuit protection
• Dual charge pump controllers for VON and VOFF
•VLOGIC buck with integrated 2.5APEAK FET
•VON slicing
• Dual high speed VCOM amplifiers
• 650kHz/1.3MHz switching frequency
• Integrated sequencing
• UVLO and OTP protection
• Thermally enhanced 7x7 QFN package
• Pb-free plus anneal available (RoHS compliant)
Applications
• LCD-TVs (up to 40”)
• Industrial/medical LCD displays
Pinout
ISL97652
(48 LD QFN)
TOP VIEW
Ordering Information
PART NUMBER
(Note)
PART
MARKING
TAPE &
REEL
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL97652IRZ
ISL97652IRZ
-
48 Ld 7x7 QFN L48.7x7
ISL97652IRZ-T
ISL97652IRZ
13”
(4k pcs)
48 Ld 7x7 QFN L48.7x7
ISL97652IRZ-TK ISL97652IRZ
13”
(1k pcs)
48 Ld 7x7 QFN L48.7x7
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
27
26
25
10
11
12
THERMAL
PAD
36
35
34
33
32
31
30
1
2
3
4
5
6
7
POS1
OUT1
VGL
CE
VFLK
VDPM
RE
PGND3
PGND2
PGND1
EN1
EN2
VC
SS
8
9
29
28
DLY2
FREQ
VGHM
VGH
FBP
GND
DRVP
VDC
PVIN2
PVIN1
Data Sheet
December 21, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL97652

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97652 INTERSIL-ISL97652 Datasheet
677Kb / 25P
   4-Channel Integrated LCD Supply with Dual VCOM Amplifiers
logo
Renesas Technology Corp
ISL97652 RENESAS-ISL97652 Datasheet
1Mb / 25P
   4-Channel Integrated LCD Supply with Dual VCOM Amplifiers
logo
Intersil Corporation
ISL97652IRZ INTERSIL-ISL97652IRZ Datasheet
677Kb / 25P
   4-Channel Integrated LCD Supply with Dual VCOM Amplifiers
logo
Renesas Technology Corp
ISL97652IRZ RENESAS-ISL97652IRZ Datasheet
1Mb / 25P
   4-Channel Integrated LCD Supply with Dual VCOM Amplifiers
logo
Intersil Corporation
ISL97652IRZ-T INTERSIL-ISL97652IRZ-T Datasheet
677Kb / 25P
   4-Channel Integrated LCD Supply with Dual VCOM Amplifiers
More results

Similar Description - ISL97652

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97652 INTERSIL-ISL97652_07 Datasheet
677Kb / 25P
   4-Channel Integrated LCD Supply with Dual VCOM Amplifiers
logo
Renesas Technology Corp
ISL97652 RENESAS-ISL97652 Datasheet
1Mb / 25P
   4-Channel Integrated LCD Supply with Dual VCOM Amplifiers
logo
Maxim Integrated Produc...
MAX25220 MAXIM-MAX25220 Datasheet
722Kb / 55P
   Automotive 4-Channel TFT-LCD Power Supply with VCOM Buffer
Rev 4; 11/20
logo
Renesas Technology Corp
ISL97651 RENESAS-ISL97651 Datasheet
845Kb / 20P
   4-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650 INTERSIL-ISL97650 Datasheet
337Kb / 20P
   4-Channel Integrated LCD Supply
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
   4-Channel Integrated LCD Supply
ISL97651 INTERSIL-ISL97651 Datasheet
330Kb / 19P
   4-Channel Integrated LCD Supply
logo
Renesas Technology Corp
ISL97650B RENESAS-ISL97650B Datasheet
921Kb / 20P
   4-Channel Integrated LCD Supply
logo
Intersil Corporation
ISL97650 INTERSIL-ISL97650_09 Datasheet
353Kb / 20P
   4-Channel Integrated LCD Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com