Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSUSB11MTCX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSUSB11MTCX
Description  Low-Power Full-Speed USB (12Mbps) Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB11MTCX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSUSB11MTCX Datasheet HTML 1Page - Fairchild Semiconductor FSUSB11MTCX Datasheet HTML 2Page - Fairchild Semiconductor FSUSB11MTCX Datasheet HTML 3Page - Fairchild Semiconductor FSUSB11MTCX Datasheet HTML 4Page - Fairchild Semiconductor FSUSB11MTCX Datasheet HTML 5Page - Fairchild Semiconductor FSUSB11MTCX Datasheet HTML 6Page - Fairchild Semiconductor FSUSB11MTCX Datasheet HTML 7Page - Fairchild Semiconductor FSUSB11MTCX Datasheet HTML 8Page - Fairchild Semiconductor FSUSB11MTCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB11 Rev. 1.0.2
3
Absolute Maximum Ratings
The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The
device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables
are not guaranteed at the absolute maximum ratings. The “Recommended Operating Conditions” table defines the
conditions for actual device operation.
Notes:
1. The input and output negative voltage ratings may be exceeded if the input and output diode current ratings are
observed.
Recommended Operating Conditions
Notes:
2. Unused inputs must be held HIGH or LOW. They may not float.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage(1)
-0.5
+6.0
V
VS
Switch Voltage(1)
-0.5
VCC to +0.5
V
VIN
Input Voltage
-0.5
+6.0
V
IIK
Input Diode Current
-50
mA
ISW
Switch Current
200
mA
ISWPEAK
Peak Switch Current (Pulsed at 1ms Duration,<10% Duty
Cycle)
400
TSTG
Storage Temperature Range
-65
+150
°C
TJ
Maximum Junction Temperature
+150
°C
TL
Lead Temperature (Soldering, 10 seconds)
+260
°C
ESD
Human Body Model
8000
V
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
1.65
5.50
V
VIN
Control Input Voltage(2)
0VCC
VCC
VSW
Switch Input Voltage
0
VCC
VCC
TA
Operating Temperature
-40
+85
°C


Similar Part No. - FSUSB11MTCX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSUSB11MTCX ONSEMI-FSUSB11MTCX Datasheet
608Kb / 12P
   Low-Power, Full-Speed (12Mbps) Switch
November 2009 Rev. 1.0.4
logo
Fairchild Semiconductor
FSUSB11MTCX FAIRCHILD-FSUSB11MTCX_09 Datasheet
557Kb / 10P
   Low-Power, Full-Speed (12Mbps) Switch
More results

Similar Description - FSUSB11MTCX

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM2258 SGMICRO-SGM2258 Datasheet
335Kb / 11P
   Full-Speed USB (12Mbps) Switch
logo
Fairchild Semiconductor
FSUSB11 FAIRCHILD-FSUSB11_09 Datasheet
557Kb / 10P
   Low-Power, Full-Speed (12Mbps) Switch
logo
ON Semiconductor
FSUSB11 ONSEMI-FSUSB11 Datasheet
608Kb / 12P
   Low-Power, Full-Speed (12Mbps) Switch
November 2009 Rev. 1.0.4
logo
Feeling Technology Corp...
FM8PU86LV FEELING-FM8PU86LV Datasheet
1Mb / 40P
   Low Power Full-Speed USB Controller
logo
Agere Systems
USS810 AGERE-USS810 Datasheet
238Kb / 14P
   USB 2.0 Full-Speed/Low-Speed Transceiver
logo
Analog Devices
ADUM4160 AD-ADUM4160 Datasheet
425Kb / 14P
   Full/Low Speed USB Digital Isolator
Rev. Pr F
ADUM4160 AD-ADUM4160_09 Datasheet
302Kb / 16P
   Full/Low Speed USB Digital Isolator
REV. A
logo
Feeling Technology Corp...
FM8PU86LK FEELING-FM8PU86LK Datasheet
861Kb / 36P
   Full-Speed USB Controller
logo
ELAN Microelectronics C...
EM78M680 EMC-EM78M680 Datasheet
650Kb / 53P
   USB Full Speed Microcontroller
logo
Texas Instruments
ISOUSB111 TI-ISOUSB111_V01 Datasheet
1Mb / 35P
[Old version datasheet]   ISOUSB111 Full/Low Speed Isolated USB Repeater
APRIL 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com