Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSUSB31 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FSUSB31
Description  Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB31 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FSUSB31_07 Datasheet HTML 6Page - Fairchild Semiconductor FSUSB31_07 Datasheet HTML 7Page - Fairchild Semiconductor FSUSB31_07 Datasheet HTML 8Page - Fairchild Semiconductor FSUSB31_07 Datasheet HTML 9Page - Fairchild Semiconductor FSUSB31_07 Datasheet HTML 10Page - Fairchild Semiconductor FSUSB31_07 Datasheet HTML 11Page - Fairchild Semiconductor FSUSB31_07 Datasheet HTML 12Page - Fairchild Semiconductor FSUSB31_07 Datasheet HTML 13Page - Fairchild Semiconductor FSUSB31_07 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB31 Rev. 1.0.6
10
Application Guidance: Meeting USB 2.0 Vbus Short Requirements
In section 7.1.1 of the USB 2.0 specification, it notes that
USB devices must be able to withstand a Vbus short to
D+ or D- when the USB devices is either powered off or
powered on. The FSUSB31 can be successfully config-
ured to meet both these requirements.
Power-Off Protection
For a Vbus short circuit, the switch is expected to with-
stand such a condition for at least 24 hours. The
FSUSB31 has specially designed circuitry which pre-
vents unintended signal bleed through as well as guar-
anteed system reliability during a power-down, over-
voltage condition. The protection has been added to the
common pins (D+, D-).
Power-On Protection
The USB 2.0 specification also notes that the USB
device should be capable of withstanding a Vbus short
during transmission of data. Fairchild recommends add-
ing a 100
Ω series resister between the switch VCC pin
and supply rail to protect against this case. This modifi-
cation works by limiting current flow back into the VCC
rail during the over-voltage event so current remains
within the safe operating range. In this application, the
switch passes the full 5.25V input signal through to the
selected output, while maintaining specified off isolation
on the un-selected pins.
D+ = 5.25V
VCC= 3.6 V
100 Ohms
FSUSB31
D- = 5.25V
HSD+
HSD-
Figure 20. A 100
Ω resistor in series with the VCC supply allows the FSUSB31 to withstand a Vbus
short when powered up
For more information, see Applications Note AN-6022 Using the FSUSB30/FSUSB31 to Comply with
USB 2.0 Fault Condition Requirements at www.fairchildsemi.com


Similar Part No. - FSUSB31_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB31 FAIRCHILD-FSUSB31_08 Datasheet
539Kb / 14P
   Low-Power, Single-Port, High-Speed USB 2.0 (480Mbps) Switch
More results

Similar Description - FSUSB31_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23_06 Datasheet
939Kb / 16P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
   Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
   Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
logo
Integrated Device Techn...
IDTUS8030 IDT-IDTUS8030 Datasheet
264Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
IDTUS8031 IDT-IDTUS8031 Datasheet
322Kb / 16P
   LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Fairchild Semiconductor
FSUSB31 FAIRCHILD-FSUSB31 Datasheet
690Kb / 14P
   Low Power Dual SPST Hi-Speed USB 2.0 (480Mbps) Switch
logo
Renesas Technology Corp
US8030 RENESAS-US8030 Datasheet
263Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
REV F 082108
logo
Integrated Device Techn...
IDTUS8032 IDT-IDTUS8032 Datasheet
309Kb / 16P
   LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com