Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSUSB22MTC Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FSUSB22MTC
Description  Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB22MTC Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FSUSB22MTC Datasheet HTML 2Page - Fairchild Semiconductor FSUSB22MTC Datasheet HTML 3Page - Fairchild Semiconductor FSUSB22MTC Datasheet HTML 4Page - Fairchild Semiconductor FSUSB22MTC Datasheet HTML 5Page - Fairchild Semiconductor FSUSB22MTC Datasheet HTML 6Page - Fairchild Semiconductor FSUSB22MTC Datasheet HTML 7Page - Fairchild Semiconductor FSUSB22MTC Datasheet HTML 8Page - Fairchild Semiconductor FSUSB22MTC Datasheet HTML 9Page - Fairchild Semiconductor FSUSB22MTC Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.fairchildsemi.com
6
AC Loading and Waveforms
Note: Input driven by 50
: source terminated in 50:
Note: CL includes load and stray capacitance
Note: Input PRR
1.0 MHz, tW 500 ns
FIGURE 5. AC Test Circuit
FIGURE 6. AC Waveforms
FIGURE 7. OFF Isolation Test
FIGURE 8. Crosstalk Test
FIGURE 9. Bandwidth Test


Similar Part No. - FSUSB22MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB22MTC FAIRCHILD-FSUSB22MTC Datasheet
337Kb / 11P
   Low Voltage Ultra Low Power USB High Speed (480 Mbps) Dual DPDT Switch
FSUSB22MTC FAIRCHILD-FSUSB22MTC Datasheet
552Kb / 12P
   Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
FSUSB22MTCX FAIRCHILD-FSUSB22MTCX Datasheet
552Kb / 12P
   Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
More results

Similar Description - FSUSB22MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
   Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
   Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23_06 Datasheet
939Kb / 16P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22 FAIRCHILD-FSUSB22_08 Datasheet
552Kb / 12P
   Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
logo
Integrated Device Techn...
IDTUS8030 IDT-IDTUS8030 Datasheet
264Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
IDTUS8031 IDT-IDTUS8031 Datasheet
322Kb / 16P
   LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Fairchild Semiconductor
FSUSB31 FAIRCHILD-FSUSB31 Datasheet
690Kb / 14P
   Low Power Dual SPST Hi-Speed USB 2.0 (480Mbps) Switch
logo
Renesas Technology Corp
US8030 RENESAS-US8030 Datasheet
263Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
REV F 082108
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com