Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSUSB30L10X Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FSUSB30L10X
Description  Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB30L10X Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FSUSB30L10X Datasheet HTML 3Page - Fairchild Semiconductor FSUSB30L10X Datasheet HTML 4Page - Fairchild Semiconductor FSUSB30L10X Datasheet HTML 5Page - Fairchild Semiconductor FSUSB30L10X Datasheet HTML 6Page - Fairchild Semiconductor FSUSB30L10X Datasheet HTML 7Page - Fairchild Semiconductor FSUSB30L10X Datasheet HTML 8Page - Fairchild Semiconductor FSUSB30L10X Datasheet HTML 9Page - Fairchild Semiconductor FSUSB30L10X Datasheet HTML 10Page - Fairchild Semiconductor FSUSB30L10X Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB30 Rev. 1.1.5
7
Test Diagrams
Figure 4. On Resistance
Figure 5. Off Leakage
Figure 6. AC Test Circuit Load
Figure 7. Switch Propagation Delay Waveforms
Figure 8. Turn-On / Turn-Off Waveform
HSDn
ION
VON
GND
GND
VIN
Dn
Select
VS = 0 to VCC
FSUSB30
RON = VON / ION
GND
VIN
Select
IDn(OFF)
VS = 0 or VCC
FSUSB30
NC
A
Each switch port is tested separately.
RL
RS
CL
HSDn
VIN
VSel
D+, D–
FSUSB30
GND
GND
GND
VOUT
RL, RS, and CL are functions of the application environment
(see AC Electrical tables for specific values).
CL includes test fixture and stray capacitance.
tRISE = 500ps
tPLH
HSDn+,
HSDn–
Input:
Output: D+, D–
tFALL = 500ps
VOH
90%
50%
50%
90%
10%
10%
50%
tPHL
50%
VOL
800mV
400mV
tRISE = 2.5ns
tON
tOFF
Input – S, OE
Output – VOUT
tFALL = 2.5ns
VOH
90%
VCC/2
VCC/2
90%
10%
10%
90%
90%
VOL
VCC
GND


Similar Part No. - FSUSB30L10X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB30L10X FAIRCHILD-FSUSB30L10X Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30L10X FAIRCHILD-FSUSB30L10X Datasheet
1Mb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
logo
ON Semiconductor
FSUSB30L10X ONSEMI-FSUSB30L10X Datasheet
750Kb / 19P
   Low-Power, Two-Port, High-Speed USB 2.0 Switch
April 2013 Rev. 1.1.8
logo
Fairchild Semiconductor
FSUSB30L10X FAIRCHILD-FSUSB30L10X_12 Datasheet
739Kb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
More results

Similar Description - FSUSB30L10X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
   Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
   Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23_06 Datasheet
939Kb / 16P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22 FAIRCHILD-FSUSB22_08 Datasheet
552Kb / 12P
   Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
logo
Integrated Device Techn...
IDTUS8030 IDT-IDTUS8030 Datasheet
264Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
IDTUS8031 IDT-IDTUS8031 Datasheet
322Kb / 16P
   LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Fairchild Semiconductor
FSUSB31 FAIRCHILD-FSUSB31 Datasheet
690Kb / 14P
   Low Power Dual SPST Hi-Speed USB 2.0 (480Mbps) Switch
logo
Renesas Technology Corp
US8030 RENESAS-US8030 Datasheet
263Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
REV F 082108
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com