Electronic Components Datasheet Search |
|
ISL9014IRBLZ Datasheet(PDF) 2 Page - Intersil Corporation |
|
ISL9014IRBLZ Datasheet(HTML) 2 Page - Intersil Corporation |
2 / 11 page 2 FN9245.2 April 26, 2006 Ordering Information PART NUMBER (Notes 1, 2, 3) PART MARKING VO1 VOLTAGE VO2 VOLTAGE TEMP RANGE (°C) PACKAGE (Pb-Free) PKG. DWG. # ISL9014IRNNZ DCBS 3.3V 3.3V -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9014IRNJZ DBBK 3.3V 2.8V -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9014IRNFZ DBBL 3.3V 2.5V -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9014IRNCZ DCBT 3.3V 1.8V -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9014IRMNZ DCBV 3.0V 3.3V -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9014IRMMZ DBBV 3.0V 3.0V -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9014IRMGZ DCCC 3.0V 2.7V -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9014IRLLZ DCEA 2.9V 2.9V -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9014IRKNZ DCCG 2.85V 3.3V -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9014IRKKZ DBBW 2.85V 2.85V -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9014IRKJZ DCFA 2.85V 2.8V -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9014IRKFZ DBBM 2.85V 2.5V -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9014IRKPZ DDJA 2.85V 1.85V -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9014IRKCZ DCBA 2.85V 1.8V -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9014IRJNZ DCCH 2.8V 3.3V -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9014IRJMZ DBBT 2.8V 3.0V -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9014IRJRZ DCDA 2.8V 2.6V -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9014IRJCZ DBBP 2.8V 1.8V -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9014IRJBZ DCCA 2.8V 1.5V -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9014IRGPZ DDBA 2.7V 1.85V -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9014IRGCZ DBBR 2.7V 1.8V -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9014IRFJZ DBBN 2.5V 2.8V -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9014IRFDZ DCCV 2.5V 2.0V -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9014IRFCZ DCDB 2.5V 1.8V -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9014IRPLZ DBBY 1.85V 2.9V -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9014IRPPZ DDCA 1.85V 1.85V -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9014IRCJZ DCDH 1.8V 2.8V -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9014IRCCZ DCDL 1.8V 1.8V -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9014IRBLZ DCDS 1.5V 2.9V -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9014IRBJZ DBBS 1.5V 2.8V -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9014IRBCZ DCDV 1.5V 1.8V -40 to +85 10 Ld 3x3 DFN L10.3x3C ISL9014IRBBZ DDFA 1.5V 1.5V -40 to +85 10 Ld 3x3 DFN L10.3x3C NOTES: 1. Add “-T” to part number for tape and reel. 2. For availability and lead time of devices with voltage combinations not listed in the table, contact Intersil Marketing. 3. Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. ISL9014 |
Similar Part No. - ISL9014IRBLZ |
|
Similar Description - ISL9014IRBLZ |