Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSUSB31L8X Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FSUSB31L8X
Description  Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB31L8X Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FSUSB31L8X Datasheet HTML 4Page - Fairchild Semiconductor FSUSB31L8X Datasheet HTML 5Page - Fairchild Semiconductor FSUSB31L8X Datasheet HTML 6Page - Fairchild Semiconductor FSUSB31L8X Datasheet HTML 7Page - Fairchild Semiconductor FSUSB31L8X Datasheet HTML 8Page - Fairchild Semiconductor FSUSB31L8X Datasheet HTML 9Page - Fairchild Semiconductor FSUSB31L8X Datasheet HTML 10Page - Fairchild Semiconductor FSUSB31L8X Datasheet HTML 11Page - Fairchild Semiconductor FSUSB31L8X Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSUSB31 Rev. 1.0.6
8
Test Diagrams (Continued)
Figure 13. Break-Before-Make (tBBM)
Figure 14. Switch Skew Tests
Figure 15. Bandwidth
tD
tR = tF = 2.5ns (10–90%)
RL
S
CL*
HSDn
HSDn
VO
Control
Input
D+, D–
GND
Control
Input
50%
VCC
0V
VOUT
VOUT
VCC
VCC
0.9 x VOUT
*CL includes test fixture and stray capacitance.
tRISE = 500ps
tPLH
tPHL
nput:
Output: D+, D–
HSDn+
HSDn–
tFALL = 500ps
VOH
90%
90%
50%
50%
10%
10%
50%
50%
VOL
800mV
TSK(P) = | tPHL – tPLH |
Pulse Skew, TSK(P)
400mV
tRISE = 500ps
tPLH1
tPHL1
Output1:
Input: D+, D–
Output1: D2+, D2–
HSD1+
HSD1–
tFALL = 500ps
VOH
90%
90%
50%
50%
10%
10%
50%
50%
VOL
800mV
TSK(O) = | tPLH1 – tPLH2 | or | tPHL1 – tPHL2 |
Output Skew, TSK(OUT)
400mV
tPLH2
tPHL2
VOH
50%
50%
VOL
RS
VIN
FSUSB31
GND
VOE
Network Analyzer
VOUT
GND
VS
GND
RT
GND
GND
RS and RT are functions of the application environment
(see AC Electrical Tables for specific values).


Similar Part No. - FSUSB31L8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB31L8X FAIRCHILD-FSUSB31L8X Datasheet
690Kb / 14P
   Low Power Dual SPST Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB31L8X FAIRCHILD-FSUSB31L8X Datasheet
539Kb / 14P
   Low-Power, Single-Port, High-Speed USB 2.0 (480Mbps) Switch
logo
ON Semiconductor
FSUSB31L8X ONSEMI-FSUSB31L8X Datasheet
631Kb / 16P
   Low-Power, Single-Port, High-Speed USB 2.0 Switch
February 2009 Rev. 1.1.0
More results

Similar Description - FSUSB31L8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23_06 Datasheet
939Kb / 16P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
   Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
953Kb / 17P
   Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
   Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
logo
Integrated Device Techn...
IDTUS8030 IDT-IDTUS8030 Datasheet
264Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
IDTUS8031 IDT-IDTUS8031 Datasheet
322Kb / 16P
   LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Fairchild Semiconductor
FSUSB31 FAIRCHILD-FSUSB31 Datasheet
690Kb / 14P
   Low Power Dual SPST Hi-Speed USB 2.0 (480Mbps) Switch
logo
Renesas Technology Corp
US8030 RENESAS-US8030 Datasheet
263Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
REV F 082108
logo
Integrated Device Techn...
IDTUS8032 IDT-IDTUS8032 Datasheet
309Kb / 16P
   LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com