Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9014IRBBZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL9014IRBBZ
Description  Dual LDO with Low Noise, Low IQ, and High PSRR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9014IRBBZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL9014IRBBZ Datasheet HTML 1Page - Intersil Corporation ISL9014IRBBZ Datasheet HTML 2Page - Intersil Corporation ISL9014IRBBZ Datasheet HTML 3Page - Intersil Corporation ISL9014IRBBZ Datasheet HTML 4Page - Intersil Corporation ISL9014IRBBZ Datasheet HTML 5Page - Intersil Corporation ISL9014IRBBZ Datasheet HTML 6Page - Intersil Corporation ISL9014IRBBZ Datasheet HTML 7Page - Intersil Corporation ISL9014IRBBZ Datasheet HTML 8Page - Intersil Corporation ISL9014IRBBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN9245.2
April 26, 2006
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART MARKING
VO1 VOLTAGE
VO2 VOLTAGE
TEMP RANGE (°C)
PACKAGE
(Pb-Free)
PKG. DWG. #
ISL9014IRNNZ
DCBS
3.3V
3.3V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRNJZ
DBBK
3.3V
2.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRNFZ
DBBL
3.3V
2.5V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRNCZ
DCBT
3.3V
1.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRMNZ
DCBV
3.0V
3.3V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRMMZ
DBBV
3.0V
3.0V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRMGZ
DCCC
3.0V
2.7V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRLLZ
DCEA
2.9V
2.9V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRKNZ
DCCG
2.85V
3.3V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRKKZ
DBBW
2.85V
2.85V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRKJZ
DCFA
2.85V
2.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRKFZ
DBBM
2.85V
2.5V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRKPZ
DDJA
2.85V
1.85V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRKCZ
DCBA
2.85V
1.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRJNZ
DCCH
2.8V
3.3V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRJMZ
DBBT
2.8V
3.0V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRJRZ
DCDA
2.8V
2.6V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRJCZ
DBBP
2.8V
1.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRJBZ
DCCA
2.8V
1.5V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRGPZ
DDBA
2.7V
1.85V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRGCZ
DBBR
2.7V
1.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRFJZ
DBBN
2.5V
2.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRFDZ
DCCV
2.5V
2.0V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRFCZ
DCDB
2.5V
1.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRPLZ
DBBY
1.85V
2.9V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRPPZ
DDCA
1.85V
1.85V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRCJZ
DCDH
1.8V
2.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRCCZ
DCDL
1.8V
1.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRBLZ
DCDS
1.5V
2.9V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRBJZ
DBBS
1.5V
2.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRBCZ
DCDV
1.5V
1.8V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
ISL9014IRBBZ
DDFA
1.5V
1.5V
-40 to +85
10 Ld 3x3 DFN
L10.3x3C
NOTES:
1. Add “-T” to part number for tape and reel.
2. For availability and lead time of devices with voltage combinations not listed in the table, contact Intersil Marketing.
3. Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
ISL9014


Similar Part No. - ISL9014IRBBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9014IRBBZ INTERSIL-ISL9014IRBBZ Datasheet
217Kb / 11P
   Dual LDO with Low Noise, Low IQ and High PSRR
logo
Renesas Technology Corp
ISL9014IRBBZ RENESAS-ISL9014IRBBZ Datasheet
550Kb / 11P
   Dual LDO with Low Noise, Low IQ and High PSRR
More results

Similar Description - ISL9014IRBBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Intersil Corporation
ISL9011AIRNNZ INTERSIL-ISL9011AIRNNZ Datasheet
320Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
September 1, 2015
ISL9014AIRNNZ INTERSIL-ISL9014AIRNNZ Datasheet
211Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
March 11, 2008
ISL9012 INTERSIL-ISL9012 Datasheet
233Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9011A INTERSIL-ISL9011A Datasheet
208Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9011A RENESAS-ISL9011A Datasheet
584Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
ISL9012 RENESAS-ISL9012 Datasheet
595Kb / 12P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9014 RENESAS-ISL9014 Datasheet
550Kb / 11P
   Dual LDO with Low Noise, Low IQ and High PSRR
logo
Intersil Corporation
ISL9012 INTERSIL-ISL9012_06 Datasheet
235Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com