Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2423 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2423
Description  220V Monolithic Triple Channel 15 MHz CRT DTV Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2423 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2423_06 Datasheet HTML 1Page - National Semiconductor (TI) LM2423_06 Datasheet HTML 2Page - National Semiconductor (TI) LM2423_06 Datasheet HTML 3Page - National Semiconductor (TI) LM2423_06 Datasheet HTML 4Page - National Semiconductor (TI) LM2423_06 Datasheet HTML 5Page - National Semiconductor (TI) LM2423_06 Datasheet HTML 6Page - National Semiconductor (TI) LM2423_06 Datasheet HTML 7Page - National Semiconductor (TI) LM2423_06 Datasheet HTML 8Page - National Semiconductor (TI) LM2423_06 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Typical Performance Characteristics 50˚C (V
CC = +220VDC,VBB = +12VDC,CL = 10 pF, VOUT =
130V
PP (60V – 190V), TC = 50˚C, Test Circuit — Figure 3 unless otherwise specified)
20114804
FIGURE 4. V
OUT vs VIN
20114805
FIGURE 5. LM2423 Pulse Response
20114806
FIGURE 6. Bandwidth
20114807
FIGURE 7. Speed vs Load Capacitance
20114808
FIGURE 8. Speed vs Offset
20114809
FIGURE 9. Speed vs Case Temperature
www.national.com
4


Similar Part No. - LM2423_06

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2423TE NSC-LM2423TE Datasheet
733Kb / 11P
   220V Monolithic Triple Channel 15 MHz CRT DTV Driver
More results

Similar Description - LM2423_06

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2423 NSC-LM2423 Datasheet
733Kb / 11P
   220V Monolithic Triple Channel 15 MHz CRT DTV Driver
LM2425 NSC-LM2425 Datasheet
1Mb / 11P
   220V Monolithic Triple Channel 10 MHz CRT DTV Driver
LM2422 NSC-LM2422 Datasheet
603Kb / 8P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422TE NSC-LM2422TE Datasheet
1Mb / 13P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422_0505 NSC-LM2422_0505 Datasheet
602Kb / 8P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2450 NSC-LM2450 Datasheet
1Mb / 12P
   220V Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
LM2451 NSC-LM2451 Datasheet
1Mb / 12P
   220V Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
LM2452 NSC-LM2452 Datasheet
1Mb / 12P
   220V Monolithic Triple Channel 17 MHz DC Coupled CRT DTV Driver
logo
Texas Instruments
LM2422TE TI1-LM2422TE Datasheet
846Kb / 15P
[Old version datasheet]   Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2459 TI1-LM2459 Datasheet
2Mb / 14P
[Old version datasheet]   Monolithic Single Channel 15 MHz DTV CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com