Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11A617B Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # H11A617B
Description  4-Pin Phototransistor Optocouplers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11A617B Datasheet(HTML) 2 Page - Fairchild Semiconductor

  H11A617B Datasheet HTML 1Page - Fairchild Semiconductor H11A617B Datasheet HTML 2Page - Fairchild Semiconductor H11A617B Datasheet HTML 3Page - Fairchild Semiconductor H11A617B Datasheet HTML 4Page - Fairchild Semiconductor H11A617B Datasheet HTML 5Page - Fairchild Semiconductor H11A617B Datasheet HTML 6Page - Fairchild Semiconductor H11A617B Datasheet HTML 7Page - Fairchild Semiconductor H11A617B Datasheet HTML 8Page - Fairchild Semiconductor H11A617B Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
www.fairchildsemi.com
H11AA814 Series, H11A617 Series, H11A817 Series Rev. 1.0.8
Absolute Maximum Ratings (TA = 25°C Unless otherwise specified.)
Electrical Characteristics (TA = 25°C Unless otherwise specified.)
Individual Component Characteristics
*Typical values at TA=25°C
Symbol
Parameter
Device*
Value
Units
TOTAL DEVICE
TSTG
Storage Temperature
All
-55 to +150
°C
TOPR
Operating Temperature
All
-55 to +100
°C
TSOL
Lead Solder Temperature
All
260 for 10 sec
°C
PD
Total Device Power Dissipation (-55°C to 50°C)
All
200
mW
EMITTER
IF
Continuous Forward Current
814 Series
617, 817 Series
±50
50
mA
VR
Reverse Voltage
617 Series
817 Series
6
6
V
PD
LED Power Dissipation (25°C ambient)
No derating up to 100°C
All
70
mW
DETECTOR
VCEO
Collector-Emitter Voltage
All
70
V
VECO
Emitter-Collector Voltage
814, 817 Series
617 Series
6
7
V
IC
Continuous Collector Current
All
50
mA
PD
Detector Power Dissipation (25°C ambient)
Derate above 90°C
All
150
mW
2.9
mW/°C
Symbol Parameter
Test Conditions
Device
Min.
Typ.*
Max.
Unit
EMITTER
VF
Input Forward Voltage IF = 60mA
617 Series
1.35
1.65
V
IF = 20mA
817 Series
1.2
1.5
IF = ±20mA
814 Series
1.2
1.5
IR
Reverse Leakage
Current
VR = 6.0V
617 Series
.001
10
µA
VR = 5.0V
817 Series
DETECTOR
BVCEO
Collector-Emitter
Breakdown Voltage
IC = 0.1 mA, IF = 0
ALL
70
100
V
BVECO
Emitter-Collector
Breakdown Voltage
IE = 10 µA, IF = 0
814, 817 Series
6
10
V
617 Series
7
10
ICEO
Collector-Emitter
Dark Current
VCE = 10V, IF = 0
H11AA814/A, 817 Series,
H11A617C/D
1
100
nA
H11A617A/B
50


Similar Part No. - H11A617B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11A617B FAIRCHILD-H11A617B Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11A617B.300 FAIRCHILD-H11A617B.300 Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11A617B.300W FAIRCHILD-H11A617B.300W Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11A617B.3S FAIRCHILD-H11A617B.3S Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
H11A617B.3SD FAIRCHILD-H11A617B.3SD Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - H11A617B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD617 FAIRCHILD-FOD617 Datasheet
578Kb / 12P
   4-Pin Phototransistor Optocouplers
FOD817 FAIRCHILD-FOD817 Datasheet
163Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
H11AA814 QT-H11AA814 Datasheet
30Kb / 4P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AA814 FAIRCHILD-H11AA814 Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
FOD816 FAIRCHILD-FOD816 Datasheet
114Kb / 9P
   4-Pin Phototransistor Optocouplers
logo
ON Semiconductor
FOD814 ONSEMI-FOD814_V02 Datasheet
388Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
September, 2023 - Rev. 9
FOD814 ONSEMI-FOD814_V01 Datasheet
361Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
August, 2021 ??Rev. 7
FOD814 ONSEMI-FOD814 Datasheet
534Kb / 12P
   4-Pin DIP Phototransistor Optocouplers
July-201 8, Rev. 5
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com