Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGTP7N60A4D Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # HGTP7N60A4D
Description  600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGTP7N60A4D Datasheet(HTML) 6 Page - Fairchild Semiconductor

  HGTP7N60A4D Datasheet HTML 1Page - Fairchild Semiconductor HGTP7N60A4D Datasheet HTML 2Page - Fairchild Semiconductor HGTP7N60A4D Datasheet HTML 3Page - Fairchild Semiconductor HGTP7N60A4D Datasheet HTML 4Page - Fairchild Semiconductor HGTP7N60A4D Datasheet HTML 5Page - Fairchild Semiconductor HGTP7N60A4D Datasheet HTML 6Page - Fairchild Semiconductor HGTP7N60A4D Datasheet HTML 7Page - Fairchild Semiconductor HGTP7N60A4D Datasheet HTML 8Page - Fairchild Semiconductor HGTP7N60A4D Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
©2005 Fairchild Semiconductor Corporation
HGTG7N60A4D, HGTP7N60A4D, HGT1S7N60A4DS Rev. B1
FIGURE 17. CAPACITANCE vs COLLECTOR TO EMITTER
VOLTAGE
FIGURE 18. COLLECTOR TO EMITTER ON-STATE VOLTAGE
vs GATE TO EMITTER VOLTAGE
FIGURE 19. DIODE FORWARD CURRENT vs FORWARD
VOLTAGE DROP
FIGURE 20. RECOVERY TIMES vs FORWARD CURRENT
FIGURE 21. RECOVERY TIMES vs RATE OF CHANGE OF
CURRENT
FIGURE 22. STORED CHARGE vs RATE OF CHANGE OF
CURRENT
Typical Performance Curves Unless Otherwise Specified (Continued)
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
0
20
406080
100
0
0.2
0.6
0.8
1.4
0.4
FREQUENCY = 1MHz
CIES
COES
CRES
1.2
1.0
VGE, GATE TO EMITTER VOLTAGE (V)
9
1.8
10
12
2.0
2.4
2.2
11
13
14
15
16
2.6
2.8
ICE = 14A
ICE = 7A
ICE = 3.5A
DUTY CYCLE < 0.5%, TJ = 25
oC
PULSE DURATION = 250
µs
123
5
VEC, FORWARD VOLTAGE (V)
04
0
10
15
20
25
25oC
125oC
5
35
PULSE DURATION = 250
µs
DUTY CYCLE < 0.5%,
30
60
40
20
0
IEC, FORWARD CURRENT (A)
0
80
2
8
12
14
dIEC/dt = 200A/µs
125oC trr
25oC tb
25oC ta
25oC trr
100
10
125oC tb
6
4
125oC ta
200
300
400
600
700
diEC/dt, RATE OF CHANGE OF CURRENT (A/µs)
100
500
10
50
20
30
40
60
IEC = 7A, VCE = 390V
125oC tb
25oC ta
25oC tb
125oC ta
300
200
100
0
diEC/dt, RATE OF CHANGE OF CURRENT (A/µs)
400
100
200
300
400
500
600
700
125oC, IEC = 7A
125oC, IEC = 3.5A
25oC, IEC = 3.5A
25oC, IEC = 7A
VCE = 390V
500
HGTG7N60A4D, HGTP7N60A4D, HGT1S7N60A4DS


Similar Part No. - HGTP7N60A4D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTP7N60A4D FAIRCHILD-HGTP7N60A4D Datasheet
143Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTP7N60A4D INTERSIL-HGTP7N60A4D Datasheet
134Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
March 2000
More results

Similar Description - HGTP7N60A4D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGT5A40N60A4D INTERSIL-HGT5A40N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
February 2000
HGTG30N60A4D INTERSIL-HGTG30N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGT1N30N60A4D FAIRCHILD-HGT1N30N60A4D Datasheet
144Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGT1S3N60A4DS INTERSIL-HGT1S3N60A4DS Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N60A4D INTERSIL-HGTG20N60A4D Datasheet
351Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1999
logo
Fairchild Semiconductor
HGTG20N60A4D FAIRCHILD-HGTG20N60A4D Datasheet
204Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGT1N40N60A4D FAIRCHILD-HGT1N40N60A4D Datasheet
152Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG7N60A4D FAIRCHILD-HGTG7N60A4D Datasheet
143Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG12N60A4D INTERSIL-HGTG12N60A4D Datasheet
394Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
November 1999
HGTG7N60A4D INTERSIL-HGTG7N60A4D Datasheet
134Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
March 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com