Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV7211IDCKR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV7211IDCKR
Description  CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV7211IDCKR Datasheet(HTML) 4 Page - Texas Instruments

  TLV7211IDCKR Datasheet HTML 1Page - Texas Instruments TLV7211IDCKR Datasheet HTML 2Page - Texas Instruments TLV7211IDCKR Datasheet HTML 3Page - Texas Instruments TLV7211IDCKR Datasheet HTML 4Page - Texas Instruments TLV7211IDCKR Datasheet HTML 5Page - Texas Instruments TLV7211IDCKR Datasheet HTML 6Page - Texas Instruments TLV7211IDCKR Datasheet HTML 7Page - Texas Instruments TLV7211IDCKR Datasheet HTML 8Page - Texas Instruments TLV7211IDCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.ti.com
5-V Electrical Characteristics
TLV7211,, TLV7211A
CMOS COMPARATORS
WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
SLCS149B – AUGUST 2006 – REVISED JANUARY 2007
V
CC+ = 5 V, VCC– = GND, VCM = VO = VCC+/2, and RL > 1 MΩ (unless otherwise noted)
TLV7211A
TLV7211
PARAMETER
TEST CONDITIONS
TJ
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
25
°C
3
5
3
15
VOS
Input offset voltage
mV
–40
°C to 85°C
8
18
Input offset voltage
TCVOS
25
°C
1
1
µV/°C
temperature drift
Input offset voltage
25
°C
3.3
3.3
µV/month
average drift(1)
IB
Input current
25
°C
0.04
0.04
pA
IOS
Input offset current
25
°C
0.02
0.02
pA
Common-mode
CMRR
25
°C
75
75
dB
rejection ratio
Power-supply rejection
PSRR
5 V
≤ V
CC+ ≤ 10 V
25
°C
80
80
dB
ratio
AV
Voltage gain
25
°C
100
100
dB
25
°C
5.2
5.3
5.2
5.3
CMRR > 55 dB
–40
°C to 85°C
5
5
Input common-mode
CMVR
V
voltage range
25
°C
–0.3
–0.2
–0.3
–0.2
CMRR > 55 dB
–40
°C to 85°C
0
0
25
°C
4.6
4.8
4.6
4.8
High-level output
VOH
Iload = 5 mA
V
voltage
–40
°C to 85°C
4.45
4.45
25
°C
0.2
0.4
0.2
0.4
Low-level output
VOL
Iload = 5 mA
V
voltage
–40
°C to 85°C
0.55
0.55
25
°C
7
14
7
14
VOUT = Low
–40
°C to 85°C
18
18
ICC
Supply current
µA
25
°C
5
10
5
10
VOUT = High-Idle
–40
°C to 85°C
13
13
Short-circuit output
IOH
Isource
25
°C
30
30
mA
current
Short-circuit output
IOL
Isink, VO < 12 V(2)
25
°C
45
45
mA
current
(1)
Input offset voltage average drift is calculated by dividing the accelerated operating life VOS drift by the equivalent operational time. This
represents worst-case input conditions and includes the first 30 days of drift.
(2)
Do not short circuit the output to V+ if V+ is >12 V.
4
Submit Documentation Feedback


Similar Part No. - TLV7211IDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV7211IDCKR TI-TLV7211IDCKR Datasheet
469Kb / 16P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211IDCKR TI-TLV7211IDCKR Datasheet
722Kb / 20P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211IDCKRG4 TI-TLV7211IDCKRG4 Datasheet
469Kb / 16P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211IDCKRG4 TI-TLV7211IDCKRG4 Datasheet
722Kb / 20P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
More results

Similar Description - TLV7211IDCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV7211 TI-TLV7211_10 Datasheet
722Kb / 20P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211 TI-TLV7211 Datasheet
469Kb / 16P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
logo
New Japan Radio
NJU77230 NJRC-NJU77230 Datasheet
1Mb / 25P
   Rail-to-Rail Input,Push-Pull Output Low power CMOS Comparators
Ver.3
logo
National Semiconductor ...
LMC7211 NSC-LMC7211 Datasheet
328Kb / 13P
   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
Texas Instruments
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
[Old version datasheet]   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211AIM5X TI-LMC7211AIM5X Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211-N TI1-LMC7211-N_14 Datasheet
1Mb / 23P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7211-N TI1-LMC7211-N Datasheet
1Mb / 22P
[Old version datasheet]   LMC7211 Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC6762 TI1-LMC6762_14 Datasheet
1Mb / 22P
[Old version datasheet]   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
logo
National Semiconductor ...
LMC6762 NSC-LMC6762 Datasheet
317Kb / 13P
   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com