Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA6040A4RHBRG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6040A4RHBRG4
Description  2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6040A4RHBRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA6040A4RHBRG4 Datasheet HTML 7Page - Texas Instruments TPA6040A4RHBRG4 Datasheet HTML 8Page - Texas Instruments TPA6040A4RHBRG4 Datasheet HTML 9Page - Texas Instruments TPA6040A4RHBRG4 Datasheet HTML 10Page - Texas Instruments TPA6040A4RHBRG4 Datasheet HTML 11Page - Texas Instruments TPA6040A4RHBRG4 Datasheet HTML 12Page - Texas Instruments TPA6040A4RHBRG4 Datasheet HTML 13Page - Texas Instruments TPA6040A4RHBRG4 Datasheet HTML 14Page - Texas Instruments TPA6040A4RHBRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
www.ti.com
PO − Output Power − W
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
G017
Gain = 6 dB
RL = 4 Ω
VCC = 5.5 V
VCC = 4.5 V
VCC = 5 V
PO − Output Power − W
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
G018
Gain = 6 dB
RL = 8 Ω
VCC = 5.5 V
VCC = 4.5 V
VCC = 5 V
PO − Output Power − W
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
G019
Gain = 6 dB
RL = 4 Ω
VCC = 4.5 V
VCC = 5 V
VCC = 5.5 V
PO − Output Power − W
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
G020
Gain = 6 dB
RL = 8 Ω
VCC = 4.5 V
VCC = 5 V
VCC = 5.5 V
TPA6040A4
SLOS519A – APRIL 2007 – REVISED APRIL 2007
TYPICAL CHARACTERISTICS (continued)
SUPPLY CURRENT (SP)
SUPPLY CURRENT (SP)
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 17.
Figure 18.
POWER DISSIPATION (SP)
POWER DISSIPATION (SP)
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 19.
Figure 20.
11
Submit Documentation Feedback


Similar Part No. - TPA6040A4RHBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6040A4 TI-TPA6040A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6040A4 TI1-TPA6040A4 Datasheet
1Mb / 27P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
More results

Similar Description - TPA6040A4RHBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6043A4 TI-TPA6043A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6047A4 TI1-TPA6047A4_16 Datasheet
1Mb / 27P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6041A4 TI-TPA6041A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6045A4C TI-TPA6045A4C Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6047A4 TI-TPA6047A4 Datasheet
1Mb / 25P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPatTM STEREO HEADPHONE DRIVE AND REGULATOR
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
[Old version datasheet]   DIRECTPATH??Stereo Headphone Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_17 Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI-TLV320AIC3262_15 Datasheet
1Mb / 82P
[Old version datasheet]   TLV320AIC3262 Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
logo
National Semiconductor ...
LM4663 NSC-LM4663 Datasheet
606Kb / 10P
   2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com