Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3120D2PWPRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPA3120D2PWPRG4
Description  25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3120D2PWPRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA3120D2PWPRG4 Datasheet HTML 6Page - Texas Instruments TPA3120D2PWPRG4 Datasheet HTML 7Page - Texas Instruments TPA3120D2PWPRG4 Datasheet HTML 8Page - Texas Instruments TPA3120D2PWPRG4 Datasheet HTML 9Page - Texas Instruments TPA3120D2PWPRG4 Datasheet HTML 10Page - Texas Instruments TPA3120D2PWPRG4 Datasheet HTML 11Page - Texas Instruments TPA3120D2PWPRG4 Datasheet HTML 12Page - Texas Instruments TPA3120D2PWPRG4 Datasheet HTML 13Page - Texas Instruments TPA3120D2PWPRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
www.ti.com
f − Frequency − Hz
20
100
1k
10k
0.1
10
20k
1
0.01
0.001
V
=24V
R =8
(BTL)
Gain=20dB
CC
L
W
P
=20W
O
P
=1W
O
P
=5W
O
R =8
(BTL)
Gain=20dB
L
W
P
− OutputPower − W
O
10m
100m
1
10
1
40
10
0.01
0.1
V
=12V
CC
V
=24V
CC
V
=18V
CC
-200
400
-100
0
100
200
300
-30
30
-20
-10
0
10
20
20
200k
100
1k
10k
f-Frequency-Hz
Phase
Gain
V
=24V,
R =8
(BTL),
Gain=20dB,
L
=33 F,
C
=1 F
CC
L
filt
filt
W
m
m
V
− SupplyVoltage − V
SS
16
26
40
30
55
0
65
15
THD=10%
THD=1%
R =8
(BTL)
Gain=20dB
L
W
20
30
10
25
35
45
60
50
12
10
14
18
20
22
24
28
5
TPA3120D2
SLOS507C – MARCH 2007 – REVISED MAY 2007
TYPICAL CHARACTERISTICS (continued)
All tests are made at frequency = 1 kHz unless otherwise noted.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
OUTPUT POWER
Figure 17.
Figure 18.
GAIN/PHASE
OUTPUT POWER
vs
vs
FREQUENCY
SUPPLY VOLTAGE
Figure 19.
A.
Dashed line represents thermally limited
region.
Figure 20.
10
Submit Documentation Feedback


Similar Part No. - TPA3120D2PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3120D2PWPR TI-TPA3120D2PWPR Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3120D2PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2PWPG4 TI-TPA3123D2PWPG4 Datasheet
919Kb / 30P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2 Datasheet
895Kb / 29P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2 TI1-TPA3100D2_17 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com