Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2411PW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2411PW
Description  Full Featured N1 and ORing Power Rail Controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2411PW Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2411PW Datasheet HTML 4Page - Texas Instruments TPS2411PW Datasheet HTML 5Page - Texas Instruments TPS2411PW Datasheet HTML 6Page - Texas Instruments TPS2411PW Datasheet HTML 7Page - Texas Instruments TPS2411PW Datasheet HTML 8Page - Texas Instruments TPS2411PW Datasheet HTML 9Page - Texas Instruments TPS2411PW Datasheet HTML 10Page - Texas Instruments TPS2411PW Datasheet HTML 11Page - Texas Instruments TPS2411PW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TPS2410
TPS2411
SLVS727B – NOVEMBER 2006 – REVISED FEBRUARY 2007
DETAILED DESCRIPTION (continued)
STAT: STAT indicates the status of the GATE pin drive. The internal weak pull-up drives STAT high when
GATE is being driven high and V(GATE) is 0.4 V greater than V(A). Redundant devices may tie their STAT pins
tied together to desensitize turnoff. If STAT is externally pulled low while the pin would otherwise be high, the
turn-off threshold is shifted negative from the RSET programmed value.
UV, OV, PG: These signals are used to monitor an input voltage for proper range. PG sinks current to GND if
UV is below its threshold, OV is above its threshold, or VDD is below the internal UVLO. PG may not be valid
when VDD is below the UVLO.
A high input on OV causes GATE to be driven low. UV does not effect the MOSFET operation. This permits OV
to be used as an active-high disable.
OV and UV should be connected to ground when not used, and PG may be left open. Multiple PG pins to be
wire ORed using a common pull-up resistor.
VDD: VDD is the primary supply for the gate drive charge pump and other internal circuits. This pin must be
connected a source that is 3 V or greater when the external MOSFET is to be turned on. VDD may be greater or
lower than the controlled bus voltage.
A 0.01-
µF bypass capacitor, or 10-Ω and a 0.0 1-µF filter, is recommended because charge pump currents are
drawn through VDD.
8
Submit Documentation Feedback


Similar Part No. - TPS2411PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2411PW TI1-TPS2411PW Datasheet
1Mb / 31P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2411PW TI1-TPS2411PW Datasheet
1Mb / 33P
[Old version datasheet]   TPS241x Full Featured N1 and ORing Power Rail Controller
TPS2411PWR TI1-TPS2411PWR Datasheet
1Mb / 31P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2411PWR TI1-TPS2411PWR Datasheet
1Mb / 33P
[Old version datasheet]   TPS241x Full Featured N1 and ORing Power Rail Controller
TPS2411PWRG4 TI1-TPS2411PWRG4 Datasheet
1Mb / 31P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
More results

Similar Description - TPS2411PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2410 TI1-TPS2410_14 Datasheet
1Mb / 33P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_V01 Datasheet
1Mb / 31P
[Old version datasheet]   Full Featured N1 and ORing Power Rail Controller
TPS2410 TI1-TPS2410_V02 Datasheet
1Mb / 33P
[Old version datasheet]   TPS241x Full Featured N1 and ORing Power Rail Controller
TPS2412D TI1-TPS2412D Datasheet
1Mb / 24P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412 TI-TPS2412 Datasheet
741Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2412 TI1-TPS2412_17 Datasheet
1Mb / 29P
[Old version datasheet]   N1 and ORing Power Rail Controller
TPS2419 TI-TPS2419 Datasheet
493Kb / 21P
[Old version datasheet]   N1 and ORing Power Rail Controller with Enable
TPS2412 TI1-TPS2412_15 Datasheet
1Mb / 29P
[Old version datasheet]   ORing Power Rail Controller
logo
SELEC Controls Pvt. Ltd
PR502 SELEC-PR502 Datasheet
1Mb / 2P
   Full Featured Profile Controller
logo
ON Semiconductor
NCP1560 ONSEMI-NCP1560_06 Datasheet
523Kb / 20P
   Full Featured Voltage Mode PWM Controller
July, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com