Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40077 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS40077
Description  HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40077 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS40077_07 Datasheet HTML 5Page - Texas Instruments TPS40077_07 Datasheet HTML 6Page - Texas Instruments TPS40077_07 Datasheet HTML 7Page - Texas Instruments TPS40077_07 Datasheet HTML 8Page - Texas Instruments TPS40077_07 Datasheet HTML 9Page - Texas Instruments TPS40077_07 Datasheet HTML 10Page - Texas Instruments TPS40077_07 Datasheet HTML 11Page - Texas Instruments TPS40077_07 Datasheet HTML 12Page - Texas Instruments TPS40077_07 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
www.ti.com
100
1.5
0.5
200
300
400 500
600
700
800
900 1000
1.0
3.0
2.0
2.5
3.5
5.0
4.0
4.5
VIN = 28 V
VIN = 24 V
VIN = 18 V
VIN = 15 V
VIN = 12 V
VIN = 10 V
VIN = 8 V
VIN = 5 V
fOSC − Oscillator Frequency − kHz
TJ − Junction Temperature − °C
−50
−25
50
100
125
0
25
75
0
−90
−80
−70
−10
−30
−60
−20
−40
−50
RKFF − Feedforward Impedance − kΩ
100
150
250
300
350
450
200
400
4
2
8
6
10
14
12
18
16
20
UVLOVON
fSW = 300 kHz
UVLOVOFF
fSW − Switching Frequency − kHz
0
100
0
200
400
600
800
1000
200
300
400
500
600
G017
TPS40077
SLUS714 – JANUARY 2007
TYPICAL CHARACTERISTICS (continued)
ERROR AMPLIFIER INPUT BIAS CURRENT
MINIMUM OUTPUT VOLTAGE
vs
vs
JUNCTION TEMPERATURE
FREQUENCY
Figure 13.
Figure 14.
SWITCHING FREQUENCY
UNDERVOLTAGE LOCKOUT THRESHOLD
vs
vs
TIMING RESISTANCE
FEED-FORWARD IMPEDANCE
Figure 15.
Figure 16.
9
Submit Documentation Feedback


Similar Part No. - TPS40077_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40077PWP TI-TPS40077PWP Datasheet
677Kb / 42P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077PWPR TI-TPS40077PWPR Datasheet
677Kb / 42P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077_15 Datasheet
1Mb / 45P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
More results

Similar Description - TPS40077_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40077 TI-TPS40077_15 Datasheet
1Mb / 45P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40071PWPRG4 TI-TPS40071PWPRG4 Datasheet
748Kb / 30P
[Old version datasheet]   HIGH-EFFICIENCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40077 TI-TPS40077 Datasheet
677Kb / 42P
[Old version datasheet]   HIGH-EFFICIENCY, MIDRANGE-INPUT, SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI1-TPS40075_14 Datasheet
1Mb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074 Datasheet
529Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI1-TPS40074_16 Datasheet
454Kb / 38P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI-TPS40075 Datasheet
809Kb / 44P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI-TPS40074_15 Datasheet
999Kb / 42P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40070 TI-TPS40070 Datasheet
288Kb / 10P
[Old version datasheet]   HIGH-EFFICIANCY MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40007-DIE TI1-TPS40007-DIE Datasheet
96Kb / 6P
[Old version datasheet]   LOW-INPUT, HIGH EFFICIENCY SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com