Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5450DDARG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5450DDARG4
Description  5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5450DDARG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS5450DDARG4 Datasheet HTML 7Page - Texas Instruments TPS5450DDARG4 Datasheet HTML 8Page - Texas Instruments TPS5450DDARG4 Datasheet HTML 9Page - Texas Instruments TPS5450DDARG4 Datasheet HTML 10Page - Texas Instruments TPS5450DDARG4 Datasheet HTML 11Page - Texas Instruments TPS5450DDARG4 Datasheet HTML 12Page - Texas Instruments TPS5450DDARG4 Datasheet HTML 13Page - Texas Instruments TPS5450DDARG4 Datasheet HTML 14Page - Texas Instruments TPS5450DDARG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.ti.com
Application Circuits
+
4.7
F
m
4.7
F
m
0.01
F
m
0.01
F
m
15
F
m
330
F
m
0.01
F
m
10kW
3.16kW
Design Procedure
TPS5450
SLVS757 – MARCH 2007
APPLICATION INFORMATION (continued)
Figure 11 shows the schematic for a typical TPS5450 application. The TPS5450 can provide up to 5-A output
current at a nominal output voltage of 5 V. For proper thermal performance, the exposed PowerPAD™
underneath the device must be soldered down to the printed-circuit board.
Figure 11. Application Circuit, 12-V to 5.0-V
The following design procedure can be used to select component values for the TPS5450. Alternately, the
SWIFT™ Designer Software may be used to generate a complete design. The SWIFT™ Designer Software
uses an iterative design procedure and accesses a comprehensive database of components when generating a
design. This section presents a simplified discussion of the design process.
To begin the design process a few parameters must be decided upon. The designer needs to know the
following:
• Input voltage range
• Output voltage
• Input ripple voltage
• Output ripple voltage
• Output current rating
• Operating frequency
Design Parameters
For this design example, use the following as the input parameters:
DESIGN PARAMETER(1)
EXAMPLE VALUE
Input voltage range
10 V to 31 V
Output voltage
5 V
Input ripple voltage
400 mV
Output ripple voltage
30 mV
Output current rating
5 A
Operating frequency
500 kHz
(1)
As an additional constraint, the design is set up to be small size and low component height.
11
Submit Documentation Feedback


Similar Part No. - TPS5450DDARG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5450 TI-TPS5450 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS5450-EP TI1-TPS5450-EP Datasheet
890Kb / 24P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5450-EP TI-TPS5450-EP_15 Datasheet
1Mb / 25P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5450-Q1 TI1-TPS5450-Q1 Datasheet
474Kb / 25P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5450MDDAREP TI1-TPS5450MDDAREP Datasheet
890Kb / 24P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
More results

Similar Description - TPS5450DDARG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5450-EP TI1-TPS5450-EP Datasheet
890Kb / 24P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5450-Q1 TI1-TPS5450-Q1 Datasheet
474Kb / 25P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5450-EP TI-TPS5450-EP_15 Datasheet
1Mb / 25P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5410-EP TI-TPS5410-EP Datasheet
768Kb / 24P
[Old version datasheet]   1-A WIDE INPUT RANGE STEP-DOWN SWIFT CONVERTER
TPS5420-EP TI-TPS5420-EP Datasheet
647Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420-Q1 TI1-TPS5420-Q1 Datasheet
565Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5410 TI-TPS5410 Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5420 TI-TPS5420 Datasheet
464Kb / 20P
[Old version datasheet]   2-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5430-EP TI1-TPS5430-EP Datasheet
914Kb / 28P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5431 TI1-TPS5431 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com