Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS40195PWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40195PWR
Description  4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40195PWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS40195PWR Datasheet HTML 5Page - Texas Instruments TPS40195PWR Datasheet HTML 6Page - Texas Instruments TPS40195PWR Datasheet HTML 7Page - Texas Instruments TPS40195PWR Datasheet HTML 8Page - Texas Instruments TPS40195PWR Datasheet HTML 9Page - Texas Instruments TPS40195PWR Datasheet HTML 10Page - Texas Instruments TPS40195PWR Datasheet HTML 11Page - Texas Instruments TPS40195PWR Datasheet HTML 12Page - Texas Instruments TPS40195PWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
www.ti.com
DEVICE INFORMATION
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
EN
FB
COMP
VDD
UVLO
RT
ILIM
GND
HDRV
SW
BOOT
LDRV
BP
SS_SEL
PGOOD
SYNC
PW PACKAGE
(TOP VIEW)
TPS40195
SLUS720 – FEBRUARY 2007
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Gate drive voltage for the high-side N-channel MOSFET. A 100-nF capacitor (typical) must be connected
BOOT
14
I
between this pin and SW.
Output bypass for the internal regulator. Connect a capacitor of 1-
µF (or greater) from this pin to GND.
BP
12
O
Larger capacitors, up to 4.7
µF will improve noise performance with a low side FET Qg over 25nC. Do not
connect to VDD or drive externally.
COMP
3
O
Output of the error amplifier.
Logic level input which starts or stops the controller from an external user command. A high-level turns the
EN
1
I
controller on. A weak internal pull-up holds this pin high so that the pin may be left floating if this function is
not used. Observe interface cautions in applications information.
Inverting input to the error amplifier. In normal operation the voltage on this pin is equal to the internal
FB
2
I
reference voltage (591 mV typical)
GND
8
-
Common reference for the device
HDRV
16
O
Gate drive output to the high-side N-channel FET.
Current limit. Sets short circuit protection threshold for low-side MOSFET sensing. Connect a resistor to
ILIM
7
I
GND to set the threshold
LDRV
13
O
Gate drive output for the low side N-channel FET.
Open drain power good output. Pulls low under any fault condition, soft start is active or if the FB pin
PGOOD
10
O
voltage is outside the specified voltage window.
Switching frequency programming pin. Also determines function of SYNC pin. Connected to GND for 250
kHz operation and using SYNC as an output. Connect to BP for 500-kHz operation and using SYNC as an
RT
6
I
output. Connect a resistor to GND to program a frequency and allow SYNC to accept synchronization
pulses. If RT is used to program a switching frequency and SYNC is not to be used to synchronize the
converter to an external clock, connect SYNC to GND.
Soft-start timing selection. Can be connected to GND, BP or left floating to select a soft start time that is
SS_SEL
11
I
proportional to the switching frequency.
Sense line for the adaptive anti-cross conduction circuitry. Serves as common connection for the flying
SW
15
I
high-side MOSFET driver
Bidirectional synchronization I/O pin. SYNC is an output when the RT pin is connected to BP or GND. The
output is a falling edge signal 180
° out-of-phase with the rising edge of HDRV. In this mode SYNC can be
used to drive the SYNC pin of an additional TPS40195 device whose RT pin is tied to GND through a
resistor, providing two converters that operate 180
° out-of-phase to one another. SYNC may be used as an
SYNC
9
I/O
input to synchronize to an external system clock if RT is connected to GND through a resistor as well. The
device synchronizes to the falling edge of the external clock signal. If RT is used to program a switching
frequency and SYNC is not to be used to synchronize the converter to an external clock, connect SYNC to
GND.
Programmable UVLO pin for the controller. A resistor divider on this pin to VDD sets the converter turn on
UVLO
5
I
voltage and the hysteresis for turn-off.
VDD
4
I
Power input to the controller. A 100 nF bypass capacitor should be connected closely from this pin to GND.
9
Submit Documentation Feedback


Similar Part No. - TPS40195PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40195PWR TI-TPS40195PWR Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40195PWRG4 TI-TPS40195PWRG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
More results

Similar Description - TPS40195PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40192 TI1-TPS40192_17 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, 10-Pin, Synchronous Buck Controller With Power Good
TPS40192 TI-TPS40192_1 Datasheet
879Kb / 38P
[Old version datasheet]   4.5-V TO 18-V INPUT 10-PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS544C25 TI1-TPS544C25 Datasheet
2Mb / 100P
[Old version datasheet]   4.5-V to 18-V, 20-A and 30-A SWIFT Synchronous Buck Converters with PMBus and Frequency Synchronization
TPS40170QRGYRQ1 TI-TPS40170QRGYRQ1 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170-EP TI-TPS40170-EP_15 Datasheet
1Mb / 50P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
TPS40170 TI1-TPS40170_11 Datasheet
1Mb / 49P
[Old version datasheet]   4.5-V TO 60-V WIDE-INPUT SYNCHRONOUS PWM BUCK CONTROLLER
MARCH2011
TPS40304A TI-TPS40304A_1 Datasheet
527Kb / 20P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A_15 Datasheet
726Kb / 19P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40400 TI1-TPS40400 Datasheet
761Kb / 56P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com