Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61072 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61072
Description  90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61072 Datasheet(HTML) 1 Page - Texas Instruments

  TPS61072 Datasheet HTML 1Page - Texas Instruments TPS61072 Datasheet HTML 2Page - Texas Instruments TPS61072 Datasheet HTML 3Page - Texas Instruments TPS61072 Datasheet HTML 4Page - Texas Instruments TPS61072 Datasheet HTML 5Page - Texas Instruments TPS61072 Datasheet HTML 6Page - Texas Instruments TPS61072 Datasheet HTML 7Page - Texas Instruments TPS61072 Datasheet HTML 8Page - Texas Instruments TPS61072 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
SW
C1
10 µF
L1
4.7 µH
VBAT
VOUT
FB
C2
10 µF
EN
GND
TPS61070
VO
3.3VUp To
100mA
R1
R2
0.9-V ToVO
TPS61070, TPS61071
TPS61072, TPS61073
SLVS510B – JULY 2006 – REVISED MAY 2007
90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
• 90% Efficient Synchronous Boost Converter
The TPS6107x devices provide a power supply
solution for products powered by either a one-cell,
75-mA Output Current at 3.3 V From 0.9-V
two-cell, or three-cell alkaline, NiCd or NiMH, or
Input
one-cell Li-ion or Li-polymer battery. Output currents
150-mA Output Current at 3.3 V From 1.8-V
can go as high as 75 mA while using a single-cell
Input
alkaline, and discharge it down to 0.9 V. It can also
• Device Quiescent Current: 19 µA (Typ)
be used for generating 5 V at 200 mA from a 3.3 V
rail or a Li-ion battery. The boost converter is based
• Input Voltage Range: 0.9 V to 5.5 V
on a fixed frequency, pulse-width-modulation (PWM)
• Adjustable Output Voltage Up to 5.5 V
controller using a synchronous rectifier to obtain
• Power-Save Mode Version Available for
maximum
efficiency.
At
low
load
currents
the
Improved Efficiency at Low Output Power
TPS61070 and TPS61073 enter the power-save
mode to maintain a high efficiency over a wide load
• Load Disconnect During Shutdown
current range. The power-save mode is disabled in
• Overtemperature Protection
the TPS61071 and TPS61072, forcing the converters
• Small 6-Pin Thin SOT23 Package
to operate at a fixed switching frequency. The
maximum peak current in the boost switch is typically
limited to a value of 600 mA.
• All One-Cell, Two-Cell, and Three-Cell
The TPS6107x output voltage is programmed by an
Alkaline, NiCd or NiMH or Single-Cell Li
external resistor divider. The converter can be
Battery-Powered Products
disabled to minimize battery drain. During shutdown,
• Portable Audio Players
the load is completely disconnected from the battery.
The device is packaged in a 6-pin thin SOT23
• PDAs
package (DDC).
• Cellular Phones
• Personal Medical Products
• White LED Lighting
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS61072

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61072 TI-TPS61072 Datasheet
487Kb / 21P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61072DDC TI-TPS61072DDC Datasheet
487Kb / 21P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61072DDC TI1-TPS61072DDC Datasheet
776Kb / 25P
[Old version datasheet]   90PER EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61072DDCR TI-TPS61072DDCR Datasheet
487Kb / 21P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61072DDCR TI1-TPS61072DDCR Datasheet
776Kb / 25P
[Old version datasheet]   90PER EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
More results

Similar Description - TPS61072

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61070 TI-TPS61070 Datasheet
487Kb / 21P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61071-Q1 TI1-TPS61071-Q1 Datasheet
575Kb / 24P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070 TI-TPS61070_15 Datasheet
998Kb / 28P
[Old version datasheet]   TPS6107x 90% Efficient Synchronous Boost Converter With 600-mA Switch
TPS61070TDDCRQ1 TI1-TPS61070TDDCRQ1 Datasheet
776Kb / 25P
[Old version datasheet]   90PER EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI1-TPS61030_17 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61030 TI-TPS61030_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com