Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGTP7N60A4 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # HGTP7N60A4
Description  600V, SMPS Series N-Channel IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGTP7N60A4 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  HGTP7N60A4 Datasheet HTML 1Page - Fairchild Semiconductor HGTP7N60A4 Datasheet HTML 2Page - Fairchild Semiconductor HGTP7N60A4 Datasheet HTML 3Page - Fairchild Semiconductor HGTP7N60A4 Datasheet HTML 4Page - Fairchild Semiconductor HGTP7N60A4 Datasheet HTML 5Page - Fairchild Semiconductor HGTP7N60A4 Datasheet HTML 6Page - Fairchild Semiconductor HGTP7N60A4 Datasheet HTML 7Page - Fairchild Semiconductor HGTP7N60A4 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
©2004 Fairchild Semiconductor Corporation
HGT1S7N60A4S9A, HGTG7N60A4, HGTP7N60A4 Rev. B2
FIGURE 17. CAPACITANCE vs COLLECTOR TO EMITTER
VOLTAGE
FIGURE 18. COLLECTOR TO EMITTER ON-STATE VOLTAGE
vs GATE TO EMITTER VOLTAGE
FIGURE 19. IGBT NORMALIZED TRANSIENT THERMAL RESPONSE, JUNCTION TO CASE
Test Circuit and Waveforms
FIGURE 20. INDUCTIVE SWITCHING TEST CIRCUIT
FIGURE 21. SWITCHING TEST WAVEFORMS
Typical Performance Curves Unless Otherwise Specified (Continued)
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
0
20406080
100
0
0.2
0.6
0.8
1.4
0.4
FREQUENCY = 1MHz
CIES
COES
CRES
1.2
1.0
VGE, GATE TO EMITTER VOLTAGE (V)
9
1.8
10
12
2.0
2.4
2.2
11
13
14
15
16
2.6
2.8
ICE = 14A
ICE = 7A
ICE = 3.5A
DUTY CYCLE < 0.5%, TJ = 25
oC
PULSE DURATION = 250
µs,
t1, RECTANGULAR PULSE DURATION (s)
10-2
10-1
100
10-5
10-3
10-2
10-1
100
101
10-4
t1
t2
PD
DUTY FACTOR, D = t1 / t2
PEAK TJ = (PD X ZθJC X RθJC) + TC
SINGLE PULSE
0.1
0.2
0.5
0.05
0.01
0.02
RG = 25Ω
L = 1mH
VDD = 390V
+
-
RHRP660
tfI
td(OFF)I
trI
td(ON)I
10%
90%
10%
90%
VCE
ICE
VGE
EOFF
EON2
HGT1S7N60A4S9A, HGTG7N60A4, HGTP7N60A4


Similar Part No. - HGTP7N60A4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTP7N60A4 FAIRCHILD-HGTP7N60A4 Datasheet
204Kb / 8P
   600V, SMPS Series N-Channel IGBT
logo
Intersil Corporation
HGTP7N60A4 INTERSIL-HGTP7N60A4 Datasheet
168Kb / 11P
   600V, SMPS Series N-Channel IGBT
June 2000
logo
Fairchild Semiconductor
HGTP7N60A4D FAIRCHILD-HGTP7N60A4D Datasheet
143Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTP7N60A4D INTERSIL-HGTP7N60A4D Datasheet
134Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
March 2000
logo
Fairchild Semiconductor
HGTP7N60A4D FAIRCHILD-HGTP7N60A4D Datasheet
189Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results

Similar Description - HGTP7N60A4

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTD7N60A4S INTERSIL-HGTD7N60A4S Datasheet
168Kb / 11P
   600V, SMPS Series N-Channel IGBT
June 2000
logo
Fairchild Semiconductor
HGT1S7N60A4S9A FAIRCHILD-HGT1S7N60A4S9A Datasheet
204Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTD3N60A4S FAIRCHILD-HGTD3N60A4S Datasheet
189Kb / 8P
   600V, SMPS Series N-Channel IGBT
HGTG40N60A4 FAIRCHILD-HGTG40N60A4 Datasheet
181Kb / 8P
   600V, SMPS Series N-Channel IGBT
logo
Intersil Corporation
HGTG30N60A4 INTERSIL-HGTG30N60A4 Datasheet
92Kb / 8P
   600V, SMPS Series N-Channel IGBT
January 2000
HGTD3N60A4S INTERSIL-HGTD3N60A4S Datasheet
156Kb / 10P
   600V, SMPS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTG30N60A4 FAIRCHILD-HGTG30N60A4 Datasheet
178Kb / 8P
   600V, SMPS Series N-Channel IGBT
logo
Intersil Corporation
HGTG40N60A4 INTERSIL-HGTG40N60A4 Datasheet
93Kb / 8P
   600V, SMPS Series N-Channel IGBT
April 2000
HGTP12N60A4 INTERSIL-HGTP12N60A4 Datasheet
115Kb / 10P
   600V, SMPS Series N-Channel IGBT
May 1999
logo
Unisonic Technologies
UGP7N60 UTC-UGP7N60 Datasheet
170Kb / 3P
   600V, SMPS N-CHANNEL IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com