Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61070DDCR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61070DDCR
Description  90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61070DDCR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS61070DDCR Datasheet HTML 4Page - Texas Instruments TPS61070DDCR Datasheet HTML 5Page - Texas Instruments TPS61070DDCR Datasheet HTML 6Page - Texas Instruments TPS61070DDCR Datasheet HTML 7Page - Texas Instruments TPS61070DDCR Datasheet HTML 8Page - Texas Instruments TPS61070DDCR Datasheet HTML 9Page - Texas Instruments TPS61070DDCR Datasheet HTML 10Page - Texas Instruments TPS61070DDCR Datasheet HTML 11Page - Texas Instruments TPS61070DDCR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
www.ti.com
3.20
3.25
3.30
3.35
1
10
100
1000
VBAT = 2.4 V
TPS61070
VO = 3.3 V
TPS61071
VO = 3.3 V
IO − Output Current − mA
4.8
4.85
4.9
4.95
5
5.05
5.1
1
10
100
1000
TPS61070
VO = 5 V
TPS61071
VO = 5 V
VBAT = 3.6 V
IO − Output Current − mA
VI = 1.2 V, RL = 33 W, VO = 3.3 V
t − Time − 1 ms/div
10
12
14
16
18
22
0.9
1.5
2.5
3.5
4.5
5.5
VI − Input Voltage − V
TA = 255C
20
TA = 855C
TA = −405C
VO = 3.3 V
VI = 0.9 V to 5.5 V
TPS61070, TPS61071
TPS61072, TPS61073
SLVS510B – JULY 2006 – REVISED MAY 2007
TYPICAL CHARACTERISTICS (continued)
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 7.
Figure 8.
NO LOAD SUPPLY CURRENT INTO VOUT
vs
TPS61071
INPUT VOLTAGE
OUTPUT VOLTAGE IN CONTINUOUS MODE
Figure 9.
Figure 10.
8
Submit Documentation Feedback


Similar Part No. - TPS61070DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61070DDCR TI-TPS61070DDCR Datasheet
487Kb / 21P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070DDCR TI1-TPS61070DDCR Datasheet
776Kb / 25P
[Old version datasheet]   90PER EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070DDCRG4 TI-TPS61070DDCRG4 Datasheet
487Kb / 21P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070DDCRG4 TI1-TPS61070DDCRG4 Datasheet
776Kb / 25P
[Old version datasheet]   90PER EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
More results

Similar Description - TPS61070DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61070 TI-TPS61070 Datasheet
487Kb / 21P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61071-Q1 TI1-TPS61071-Q1 Datasheet
575Kb / 24P
[Old version datasheet]   90% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61070 TI-TPS61070_15 Datasheet
998Kb / 28P
[Old version datasheet]   TPS6107x 90% Efficient Synchronous Boost Converter With 600-mA Switch
TPS61070TDDCRQ1 TI1-TPS61070TDDCRQ1 Datasheet
776Kb / 25P
[Old version datasheet]   90PER EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 600-mA SWITCH
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI1-TPS61030_17 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61030 TI-TPS61030_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com