Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62400DRC Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS62400DRC
Description  2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62400DRC Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62400DRC Datasheet HTML 6Page - Texas Instruments TPS62400DRC Datasheet HTML 7Page - Texas Instruments TPS62400DRC Datasheet HTML 8Page - Texas Instruments TPS62400DRC Datasheet HTML 9Page - Texas Instruments TPS62400DRC Datasheet HTML 10Page - Texas Instruments TPS62400DRC Datasheet HTML 11Page - Texas Instruments TPS62400DRC Datasheet HTML 12Page - Texas Instruments TPS62400DRC Datasheet HTML 13Page - Texas Instruments TPS62400DRC Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
www.ti.com
50
55
60
65
70
75
80
85
90
95
100
2
3
4
5
6
V
-V
IN
MODE/DATA =0
V
=1.575V
OUT
I
=10mA
OUT
I
=1mA
OUT
I
=200mA
OUT
50
60
70
80
90
100
3
4
5
6
V
-V
IN
MODE/DATA =0
V
=3.3V
OUT
I
=100mA
OUT
I
=10mA
OUT
I
=1mA
OUT
3.200
3.250
3.300
3.350
3.400
0.01
0.10
1
10
100
1000
I
-mA
OUT
MODE/DATA =low,PFMMode,voltagepositioningactive
MODE/DATA =high,forcedPWMMode
PWMMode
Operation
V
=3.6V
IN
V
=4.2V
IN
V
=5V
IN
V
=4.2V
IN
V
=3.6V
IN
V
=5V
IN
V
=3.3V
OUT2
1.050
1.075
1.100
1.125
1.150
0.01
0.10
1
10
100
1000
I
-mA
OUT
MODE/DATA =low,PFMMode,voltagepositioningactive
MODE/DATA =high,forcedPWMMode
PWMMode
Operation
V
=1.1V
OUT1
V
=3.6V
IN
V
=2.7V
IN
V
=4.2V
IN
V
=4.2V
IN
V
=3.6V
IN
V
=2.7V
IN
TPS62400
,, TPS62401
TPS62402, TPS62403
SLVS681D – JUNE 2006 – REVISED FEBRUARY 2007
EFFICIENCY vs VIN
EFFICIENCY vs VIN
Figure 7.
Figure 8.
DC OUTPUT ACCURACY VOUT1 = 1.1V
DC OUTPUT ACCURACY VOUT2 = 3.3V
Figure 9.
Figure 10.
10
Submit Documentation Feedback


Similar Part No. - TPS62400DRC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62400DRC TI-TPS62400DRC Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400DRC TI-TPS62400DRC Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400DRC TI-TPS62400DRC Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400DRCR TI-TPS62400DRCR Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400DRCR TI-TPS62400DRCR Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
More results

Similar Description - TPS62400DRC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62400_101 TI-TPS62400_101 Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400_10 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI1-TPS62400_14 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403 TI-TPS62403 Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62420 TI1-TPS62420_14 Datasheet
1Mb / 37P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62420 TI-TPS62420 Datasheet
1Mb / 32P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI1-TPS62410-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410 TI-TPS62410 Datasheet
1Mb / 34P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI-TPS62410-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
logo
Union Semiconductor, In...
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com