Electronic Components Datasheet Search |
|
HSR312 Datasheet(PDF) 2 Page - Fairchild Semiconductor |
|
HSR312 Datasheet(HTML) 2 Page - Fairchild Semiconductor |
2 / 10 page 2 www.fairchildsemi.com HSR312, HSR312L, HSR412, HSR412L Rev. 1.0.2 Absolute Maximum Ratings (TA = 25°C unless otherwise noted) Electrical Characteristics (TA = -40°C to +85°C Unless otherwise specified) Input Characteristics Symbol Parameters Device Value Units TOTAL DEVICE TSTG Storage Temperature All -40 to +100 °C TOPR Operating Temperature All -40 to +85 °C TSOL Lead Solder Temperature All 260 for 10 sec °C VISO Isolation Surge Voltage All 4000 Vac(RMS) CIO Maximum Input/Output Capacitance All 1.0 pF RIO Maximum Input/Output Resistance All 1012 Ω Symbol Parameters/ Test Conditions Connection Limit HSR312 HSR312L HSR412 HSR412L Units IF(ON) Control Current Series or Parallel Max 2.0 2.0 3.0 3.0 mA IF(OFF) Control Current for Off-State Resistance Series or Parallel Min 0.4 0.4 0.4 0.4 mA IF Control Current Range Series or Parallel Min 2.0 2.0 3.0 3.0 mA Max 25 25 25 25 VR Reverse Voltage Series or Parallel Min 7 7 7 7 V VF Forward Voltage (IF=10 mA) Series or Parallel Max 1.6 1.6 1.6 1.6 V Output Characteristics Symbol Parameters/ Test Conditions Connection Limit HSR312 HSR312L HSR412 HSR412L Units VOPR Operating Voltage Range Series or Parallel Max 250 250 400 400 VDC or VAC(PEAK) IL Load Current TA = +40°C, 5mA control (see fig. 1 & 2) Series Max 190 170 140 120 mA Parallel Max 320 300 210 200 RON On-State Resistance TA = 25°C, 50mA pulsed load, 5mA control Series Max 10 15 27 35 Ω Parallel Max 3 4.25 7 9 — Off-State Leakage Current TA = 25°C, ±250V for HSR312/L, ±400V for HSR412/L Series or Parallel Max 1.0 1.0 1.0 1.0 µA ILMT Current Limit TA = +25°C, 5mA control Series Min N/A 190 N/A 130 mA Max N/A 300 N/A 220 Parallel Min N/A 330 N/A 260 Max N/A 560 N/A 440 |
Similar Part No. - HSR312_06 |
|
Similar Description - HSR312_06 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |