Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62354YZG Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS62354YZG
Description  800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62354YZG Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62354YZG Datasheet HTML 5Page - Texas Instruments TPS62354YZG Datasheet HTML 6Page - Texas Instruments TPS62354YZG Datasheet HTML 7Page - Texas Instruments TPS62354YZG Datasheet HTML 8Page - Texas Instruments TPS62354YZG Datasheet HTML 9Page - Texas Instruments TPS62354YZG Datasheet HTML 10Page - Texas Instruments TPS62354YZG Datasheet HTML 11Page - Texas Instruments TPS62354YZG Datasheet HTML 12Page - Texas Instruments TPS62354YZG Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
PowerSave
Mode
Switching
Logic
REF
REF
ENDischarge
R(DIS)
P
N-MOSCurrentLimit
Compator
P-MOSCurrentLimit
Compator
GateDriver
Anti
Shoot-Through
P
SW
FB
PGND
_
+
CompLow
V
NOM
O
+
+
-
+
-
-
+
+
-
A
C
2R
FB
R
2C
-
Soft-Start
CompLow
3MHz
Oscillator+PLL
Sawtooth
Generator
AGND
AVIN
SDA
SYNC
EN
PVIN
Thermal
Shutdown
Bandgap
VREF =0.4V
Undervoltage
Lockout
BiasSupply
6-Bit
DAC
I 2CI/F
Control
Logic
Registers
VDAC
ENDischarge
SCL
VSEL
+
+
+
_
_
+
ò
PARAMETER MEASUREMENT INFORMATION
PGND
U1
L1
C1
10 F
m
VO
C2
10 F
m
A
I2CBus
VI
VI
ListofComponents:
U1=TPS6235x
L1=FDKMIPSA2520Series
C1,C2=TDKC1608X5R0G106MT
Note:Theinternalregistersaresettotheirdefaultvalues.
2.7V..6V
PVIN
FB
SW
AVIN
AGND
PGND
A
EN
VSEL
SDA
SCL
SYNC
TPS62350, TPS62351
TPS62352, TPS62353, TPS62354
SLVS540B – MAY 2006 – REVISED DECEMBER 2006
9
Submit Documentation Feedback


Similar Part No. - TPS62354YZG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62354YZG TI-TPS62354YZG Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62354YZGR TI1-TPS62354YZGR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
TPS62354YZGT TI1-TPS62354YZGT Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
More results

Similar Description - TPS62354YZG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62350_071 TI-TPS62350_071 Datasheet
1Mb / 45P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62350 TI-TPS62350_08 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62650-Q1 TI1-TPS62650-Q1 Datasheet
1,006Kb / 40P
[Old version datasheet]   800-mA, 6-MHz High-Efficiency Step-Down Converter With I2C??Compatible Interface in Chip-Scale Packaging
TPS62350 TI-TPS62350 Datasheet
113Kb / 1P
[Old version datasheet]   800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I-2 C-TM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62650 TI-TPS62650_15 Datasheet
1Mb / 39P
[Old version datasheet]   800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62300 TI-TPS62300 Datasheet
1,004Kb / 31P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62300 TI-TPS62300_07 Datasheet
1Mb / 37P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62650 TI-TPS62650 Datasheet
1Mb / 37P
[Old version datasheet]   800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62600 TI-TPS62600 Datasheet
590Kb / 21P
[Old version datasheet]   500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com