Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62350YZGR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62350YZGR
Description  800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62350YZGR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62350YZGR Datasheet HTML 6Page - Texas Instruments TPS62350YZGR Datasheet HTML 7Page - Texas Instruments TPS62350YZGR Datasheet HTML 8Page - Texas Instruments TPS62350YZGR Datasheet HTML 9Page - Texas Instruments TPS62350YZGR Datasheet HTML 10Page - Texas Instruments TPS62350YZGR Datasheet HTML 11Page - Texas Instruments TPS62350YZGR Datasheet HTML 12Page - Texas Instruments TPS62350YZGR Datasheet HTML 13Page - Texas Instruments TPS62350YZGR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Table of Graphs
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
I
− OutputCurrent
O
− mA
V =3.6V
I
V
=1.35V
L =1 H
C
=10 F
O
O
m
m
FPFM/PWM
LPFM/PWM
3-MHzPWM
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
I
− OutputCurrent
O
− mA
V =3.6V
I
V
=1.05V
L =1 H
C
=10 F
O
O
m
m
FPFM/PWM
LPFM/PWM
TPS62350, TPS62351
TPS62352, TPS62353, TPS62354
SLVS540B – MAY 2006 – REVISED DECEMBER 2006
FIGURE
vs Output current
3, 4, 5, 6
η
Efficiency
vs Input voltage
7
vs Output current
8, 9, 12
DC output voltage
vs Input voltage
10, 11
VO
vs Ambient temperature
13
Measured output voltage
vs DAC target output voltage
14
IQ
Quiescent current
vs Input voltage
15
ISD
Shutdown current
vs Input voltage
16
f(OSC)
Oscillator frequency
vs Input voltage
17
P-channel MOSFET rDS(on)
vs Input voltage
18
rDS(on)
N-channel MOSFET rDS(on)
vs Input voltage
19
IP
Inductor peak current
vs Ambient temperature
20
21, 22, 23, 24, 25, 26
Load transient response
27, 28, 29, 30, 31, 32
Line transient response
33
Combined line and load transient
34
response
PWM operation
35
Duty cycle jitter
36
Power-save mode operation
37, 38
Dynamic voltage management
39, 40
Output voltage ramp control
41
Start-up
42, 43
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 3.
Figure 4.
10
Submit Documentation Feedback


Similar Part No. - TPS62350YZGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62350YZGR TI1-TPS62350YZGR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
More results

Similar Description - TPS62350YZGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62350_071 TI-TPS62350_071 Datasheet
1Mb / 45P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62350 TI-TPS62350_08 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62650-Q1 TI1-TPS62650-Q1 Datasheet
1,006Kb / 40P
[Old version datasheet]   800-mA, 6-MHz High-Efficiency Step-Down Converter With I2C??Compatible Interface in Chip-Scale Packaging
TPS62350 TI-TPS62350 Datasheet
113Kb / 1P
[Old version datasheet]   800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I-2 C-TM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62650 TI-TPS62650_15 Datasheet
1Mb / 39P
[Old version datasheet]   800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62300 TI-TPS62300 Datasheet
1,004Kb / 31P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62300 TI-TPS62300_07 Datasheet
1Mb / 37P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62650 TI-TPS62650 Datasheet
1Mb / 37P
[Old version datasheet]   800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62600 TI-TPS62600 Datasheet
590Kb / 21P
[Old version datasheet]   500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com