Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62402DRCR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62402DRCR
Description  2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62402DRCR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62402DRCR Datasheet HTML 3Page - Texas Instruments TPS62402DRCR Datasheet HTML 4Page - Texas Instruments TPS62402DRCR Datasheet HTML 5Page - Texas Instruments TPS62402DRCR Datasheet HTML 6Page - Texas Instruments TPS62402DRCR Datasheet HTML 7Page - Texas Instruments TPS62402DRCR Datasheet HTML 8Page - Texas Instruments TPS62402DRCR Datasheet HTML 9Page - Texas Instruments TPS62402DRCR Datasheet HTML 10Page - Texas Instruments TPS62402DRCR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
SW1
FB1
SW2
ADJ2
DEF_1
VIN2.5V – 6V
VIN
EN_1
EN_2
MODE/
DATA
TPS62400
GND
L
C
10 F
IN
m
R11
R12
1
2.2 H
LSP4018
m
VOUT1
C
2x10 F
GRM21BR61A106K
OUT1
m
VOUT2
R21
R22
L2
C ff2
33pF
2.2 H
LSP4018
m
C
2x10 F
GRM21BR61A106K
OUT2
m
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS AND FIGURES
TPS62400
,, TPS62401
TPS62402, TPS62403
SLVS681D – JUNE 2006 – REVISED FEBRUARY 2007
FIGURE NO.
Efficiency TPS62401 VOUT1 = 1.1V
1
Efficiency TPS62401 VOUT1 = 1.575V
2
Efficiency VOUT 2 = 1.8V
3
Efficiency TPS62400 VOUT2 = 3.3V
4
Efficiency TPS62402
5
Efficiency TPS62403
6
Efficiency
vs VIN
7,8
DC Output Accuracy VOUT1 = 1.1V
9
DC Output Accuracy VOUT2 = 3.3V
10
DC Output Accuracy VOUT2 = 1.8V
11
DC Output Accuracy VOUT1 1.575V, L = 2.2µH, COUT = 22µF
12
DC Output Accuracy VOUT1 1.575V, L = 3.3µH, COUT = 10µF
13
FOSC
vs VIN
14
Iq for one converter
15
Iq for both converters, not switching
16
RDSON PMOS
vs VIN
17
RDSON NMOS
vs VIN
18
Light Load Output Voltage Ripple in Power Save Mode
19
Output Voltage Ripple in Forced PWM Mode
20
Output Voltage Ripple in PWM Mode
21
Forced PWM/ PFM Mode Transition
22
Load Transient Response PFM/PWM
23
Load Transient Response PWM Operation
24
Line Transient Response
25
Startup Timing One Converter
26
7
Submit Documentation Feedback


Similar Part No. - TPS62402DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62402DRCR TI-TPS62402DRCR Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62402DRCR TI-TPS62402DRCR Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62402DRCRG4 TI-TPS62402DRCRG4 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62402DRCRG4 TI-TPS62402DRCRG4 Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
More results

Similar Description - TPS62402DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62400_101 TI-TPS62400_101 Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400_10 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI1-TPS62400_14 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403 TI-TPS62403 Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62420 TI1-TPS62420_14 Datasheet
1Mb / 37P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62420 TI-TPS62420 Datasheet
1Mb / 32P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI1-TPS62410-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410 TI-TPS62410 Datasheet
1Mb / 34P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI-TPS62410-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
logo
Union Semiconductor, In...
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com