Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65810RTQRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS65810RTQRG4
Description  SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65810RTQRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS65810RTQRG4 Datasheet HTML 7Page - Texas Instruments TPS65810RTQRG4 Datasheet HTML 8Page - Texas Instruments TPS65810RTQRG4 Datasheet HTML 9Page - Texas Instruments TPS65810RTQRG4 Datasheet HTML 10Page - Texas Instruments TPS65810RTQRG4 Datasheet HTML 11Page - Texas Instruments TPS65810RTQRG4 Datasheet HTML 12Page - Texas Instruments TPS65810RTQRG4 Datasheet HTML 13Page - Texas Instruments TPS65810RTQRG4 Datasheet HTML 14Page - Texas Instruments TPS65810RTQRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 99 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS – LINEAR REGULATORS
TPS65810
TPS65811
SLVS658B – MARCH 2006 – REVISED FEBRUARY 2007
Over recommended operating conditions (typical values at T
J = 25°C), application circuit Figure 3 (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SELECTABLE OUTPUT VOLTAGE LDO’S: LDO1, LDO2
I(LDO1,2) = –1 mA
15
Quiescent current, either LDO1 or
IQ(LDO12)
IQ(LDO12) = I(VIN_LDO02)
µA
LDO2 enabled, LDO0 disabled
I(LDO1,2) = –150 mA
160
IO(LDO1,2)
Output current range
150
mA
Available output voltages:
VO(LDO1,2)TYP = 1.25, 1.5, 1.8,
V
Output Voltage, Selectable via I2C.
2.5, 2.85, 3, 3.2, 3.3
Dropout voltage, 150 mA load
300
mV
VO(LDO1,2)
LDO1, LDO2 Output Voltage
Total accuracy, V(VIN_LDO02) = 3.65 V
–3%
3%
Line Regulation, 100 mA load,
–1%
1%
V(VIN_LDO02): V(LDO1,2)TYP + 0.5 V → 4.7 V
Load regulation, load: 10 mA
→ 150 mA
–1.5%
1.5%
V(VIN_LDO02) > VO(LDO1,2) TYP + 0.5V
PSR(LDO12)
PSRR at 20 kHz
150mA load at output, V(VIN_LDO02) – VO(LDO1,2)=1V
40
dB
ISC(LDO1,2)
LDO1&2 short circuit current limit
Output grounded
300
mA
RDCH(LDO1,2)
Discharge resistor
300
LDO disabled by I2C command
ILKG(LDO1,2)
Leakage current
LDO off
2
µA
SIM LINEAR REGULATOR
IQ(SIM)
Quiescent current
Internally connected to OUT pin
20
µA
IO(SIM)
Output current range
8
mA
Available output voltages:
V
Output voltage, selectable via I2C.
VO(SIM)TYP = 1.8 or 2.5
Dropout voltage, 8 mA load
0.2
V
Total accuracy, V(OUT): 3.2 V to 4.7 V, 8 mA
–5%
5%
VO(SIM)
SIM LDO output voltage
Load regulation, load: 1 mA
→ 8 mA,
–3%
3%
V(OUT) > VO(SIM) TYP + 0.5 V
Line regulation, 5 mA load, V(OUT):
–2%
2%
VO(SIM) TYP + 0.5 V → 4.7 V
ISC(SIM)
Short-circuit current limit
Output grounded
20
mA
ILKG(SIM)
Leakage current
LDO off
1
µA
PROGRAMMABLE OUTPUT VOLTAGE LDO’S: LDO3, LDO4, LDO5
Quiescent current, only one of
IQ(LDO35)
IQ(LDO35) = I(VIN_LDO35)
70
µA
LDO3, LDO4, LDO5 is enabled
IO(LDO35)
Output current range
100
mA
Available output voltages:
VO(LDO35)TYP = 1.224 V to
V
Output voltage, selectable via I2C
4.46 V, 25-mV steps
Dropout voltage, 100-mA load
240
mV
VO(LDO35)
LDO3, LDO4, LDO5 output voltage
Total accuracy, 100 mA load V(VIN_LDO35) = 5 V
–3%
3%
Load regulation, V(VIN_LDO35) > VO(LDO35)TYP + 0.5 V, load: 1
–1%
1%
mA
→ 50 mA
Line regulation, 10-mA load,
–1%
1%
V(VIN_LDO35): VO(LDO35)TYP + 0.5 V → 4.7 V
ISC(LDO35)
Short-circuit current limit
Output grounded
250
mA
PSR(LDO35)
PSRR at 10 kHz
V(VIN_LDO35) > VO(LDO3,5) +1 V, 50 mA load at output
40
dB
RDCH(LDO35)
Discharge resistor
400
LDO is disabled by I2C command
ILKG(LDO35)
Leakage current
LDO off
1
µA
11
Submit Documentation Feedback


Similar Part No. - TPS65810RTQRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65810RTQ TI-TPS65810RTQ Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
More results

Similar Description - TPS65810RTQRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65810 TI-TPS65810 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65820 TI-TPS65820 Datasheet
1Mb / 94P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65810 TI1-TPS65810_14 Datasheet
2Mb / 100P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
TPS65800 TI-TPS65800_07 Datasheet
2Mb / 98P
[Old version datasheet]   SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
logo
Shenzhen X-Powers Techn...
AXP192 XPOWER-AXP192 Datasheet
453Kb / 4P
   Single Cell Li-Battery and Power System Management IC
logo
AiT Semiconductor Inc.
A4006 AITSEMI-A4006 Datasheet
426Kb / 6P
   BATTERY MANAGEMENT SINGLE CELL LI-ION BATTERY INDICATOR CHIP
REV1.1
logo
List of Unclassifed Man...
AXP192 ETC2-AXP192 Datasheet
1Mb / 53P
   Enhanced single Cell Li-Battery and Power System Management IC
AXP173 ETC2-AXP173 Datasheet
1Mb / 45P
   Enhanced Single Cell Li-Battery and Power System Management IC
AXP199 ETC2-AXP199 Datasheet
1Mb / 50P
   Enhanced single Cell Li-Battery and Power System Management IC
AXP209 ETC2-AXP209 Datasheet
2Mb / 45P
   Enhanced single Cell Li-Battery and Power System Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com