Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2005 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # TSC2005
Description  1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2005 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button TSC2005_07 Datasheet HTML 3Page - Burr-Brown (TI) TSC2005_07 Datasheet HTML 4Page - Burr-Brown (TI) TSC2005_07 Datasheet HTML 5Page - Burr-Brown (TI) TSC2005_07 Datasheet HTML 6Page - Burr-Brown (TI) TSC2005_07 Datasheet HTML 7Page - Burr-Brown (TI) TSC2005_07 Datasheet HTML 8Page - Burr-Brown (TI) TSC2005_07 Datasheet HTML 9Page - Burr-Brown (TI) TSC2005_07 Datasheet HTML 10Page - Burr-Brown (TI) TSC2005_07 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Temperature( C)
°
-
40
-
20
1100
1050
1000
950
900
850
800
750
0
20
40
60
80
100
I/OVDD=SNSVDD=3V
V
=2.5V
REF
Temperature( C)
°
-
40
-
20
40
35
30
25
20
15
0
20
40
60
80
100
I/OVDD=SNSVDD=3V
V
=2.5V
REF
SNSVDD(V)
1.6
2.0
2.4
2.8
3.2
1.50
1.25
1.00
0.75
0.50
0.25
0
3.6
f
=2MHz
ADC
f
=1MHz
ADC
T =+25 C
I/OVDD=
°
A
V
REF =1.6V
-40
-20
0
20
40
60
80
100
Temperature(°C)
100
80
60
40
20
0
SNSVDD=1.6V
SNSVDD=3.6V
SNSVDD=3.0V
I/OVDD=SNSVDD
V
=1.6V
REF
I/OVDD(V)
1.6
2.0
2.4
2.8
3.2
50
45
40
35
30
25
20
15
10
5
0
3.6
f
=2MHz
ADC
f
=1MHz
ADC
T =+25 C
SNSVDD=3.6V
°
A
V
REF =1.6V
Temperature( C)
°
-40
-20
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
0
20
40
80
100
I/OVDD=SNSVDD=3V
V
=2.5V
REF
60
TSC2005
SBAS379A – DECEMBER 2006 – REVISED MAY 2007
At T
A = –40°C to +85°C, SNSVDD = VREF = +1.6V to +3.6V, I/OVDD = +1.2V to +3.6V, fADC = fOSC/2, fSCLK = 10MHz, 12-bit
mode, and non-continuous AUX measurement, unless otherwise noted.
SUPPLY CURRENT
SUPPLY CURRENT
vs TEMPERATURE
vs TEMPERATURE
Figure 2.
Figure 3.
POWER-DOWN SUPPLY CURRENT
SUPPLY CURRENT
vs TEMPERATURE
vs SUPPLY VOLTAGE
Figure 4.
Figure 5.
SUPPLY CURRENT
CHANGE IN GAIN
vs SUPPLY VOLTAGE
vs TEMPERATURE
Figure 6.
Figure 7.
7
Submit Documentation Feedback


Similar Part No. - TSC2005_07

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2005I BURR-BROWN-TSC2005I Datasheet
796Kb / 42P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
TSC2005IYZLR BURR-BROWN-TSC2005IYZLR Datasheet
796Kb / 42P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
TSC2005IYZLT BURR-BROWN-TSC2005IYZLT Datasheet
796Kb / 42P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
More results

Similar Description - TSC2005_07

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2005 BURR-BROWN-TSC2005 Datasheet
796Kb / 42P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
logo
Texas Instruments
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2006 TI1-TSC2006_14 Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008 TI-TSC2008_08 Datasheet
920Kb / 37P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008-Q1 TI1-TSC2008-Q1 Datasheet
881Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com