Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS71715DCKT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS71715DCKT
Description  Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS71715DCKT Datasheet(HTML) 3 Page - Texas Instruments

  TPS71715DCKT Datasheet HTML 1Page - Texas Instruments TPS71715DCKT Datasheet HTML 2Page - Texas Instruments TPS71715DCKT Datasheet HTML 3Page - Texas Instruments TPS71715DCKT Datasheet HTML 4Page - Texas Instruments TPS71715DCKT Datasheet HTML 5Page - Texas Instruments TPS71715DCKT Datasheet HTML 6Page - Texas Instruments TPS71715DCKT Datasheet HTML 7Page - Texas Instruments TPS71715DCKT Datasheet HTML 8Page - Texas Instruments TPS71715DCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS717xx
SBVS068C – FEBRUARY 2006 – REVISED MARCH 2007
Over operating temperature range (T
J = –40°C to +125°C), VIN = VOUT(TYP) + 0.5V or 2.5V, whichever is greater;
I
OUT = 0.5mA, VEN = VIN, COUT = 1.0µF, CNR = 0.01µF, unless otherwise noted. For TPS71701, VOUT = 2.8V.
Typical values are at T
J = +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range(1)
2.5
6.5
V
VFB
Internal reference (TPS71701)
0.790
0.800
0.810
V
VOUT
Output voltage range (TPS71701)
0.9
6.5 –
V
VDO
Nominal
TJ = +25°C, 1.6V ≤ VIN ≤ 6.5V
–0.05
+0.06
%
VOUT
Output accuracy(1)
Over VIN, IOUT, VOUT + 0.5V ≤ VIN ≤ 6.5V
–3.0
±1.5
+3.0
%
Temp(2)
0mA
≤ I
OUT ≤ 150mA
VOUT(NOM) + 0.5V ≤ VIN ≤ 6.5V,
∆V
OUT%/ ∆VIN
Line regulation (1)
125
µV/V
IOUT = 5mA
∆V
OUT%/
Load regulation
0mA
≤ I
OUT ≤ 150mA
120
µV/mA
∆I
OUT
Dropout voltage(3)
VDO
IOUT = 150mA
170
300
mV
(VIN = VOUT(NOM) – 0.1V)
ICL
Output current limit
VOUT = 0.9 × VOUT(NOM)
200
325
500
mA
IOUT = 0.1mA
50
80
µA
IGND
Ground pin current
IOUT = 150mA
100
µA
VEN ≤ 0.4V, 2.5V ≤ VIN < 4.5V,
0.20
1.5
µA
TJ = –40°C to +85°C
Shutdown current
ISHDN
(IGND)
VEN ≤ 0.4V, 4.5V ≤ VIN ≤ 6.5V,
0.90
µA
TJ = –40°C to +85°C
IFB
Feedback pin current (TPS71701)
0.02
1.0
µA
f = 100Hz
70
dB
f = 1kHz
70
dB
Power-supply rejection ratio
PSRR
VIN = 3.8V, VOUT = 2.8V,
f = 10kHz
67
dB
IOUT = 150mA
f = 100kHz
67
dB
f = 1MHz
45
dB
CNR = none
95
× V
OUT
µV
RMS
Output noise voltage
CNR = 0.001µF
25
× V
OUT
µV
RMS
BW = 100Hz to 100kHz,
VN
VIN = 3.8V, VOUT = 2.8V,
CNR = 0.01µF
12.5
× V
OUT
µV
RMS
IOUT = 10mA
CNR = 0.1µF
11.5
× V
OUT
µV
RMS
Startup time
0.9V
≤ V
OUT ≤ 1.6V, CNR = 0.001µF
0.700
ms
TSTR
VOUT = 90% VOUT(NOM),
1.6V < VOUT < VMAX, CNR = 0.01µF
0.160
ms
RL = 19Ω, COUT = 1.0µF
VIN ≤ 5.5V
1.2
6.5
V
Enable high
VEN(HI)
(enabled)
5.5V < VIN ≤ 6.5V
1.25
6.5
V
VEN(LO)
Enable low
0
0.4
V
(shutdown)
IEN(HI)
Enable pin current, enabled
EN = 6.5V
0.02
1.0
µA
Under-voltage lockout
VIN rising
2.41
2.45
2.49
V
UVLO
Hysteresis
VIN falling
150
mV
Shutdown, temperature increasing
+160
°C
TSD
Thermal shutdown temperature
Reset, temperature decreasing
+140
°C
TJ
Operating junction temperature
–40
+125
°C
(1)
Minimum VIN = VOUT + VDO or 2.5V, whichever is greater.
(2)
Does not include external resistor tolerances.
(3)
VDO is not measured for devices with VOUT(NOM) < 2.6V because minimum VIN = 2.5V.
3
Submit Documentation Feedback


Similar Part No. - TPS71715DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71715DCKT TI-TPS71715DCKT Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71715DCKT TI-TPS71715DCKT Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71715DCKT TI-TPS71715DCKT Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71715DCKT TI-TPS71715DCKT Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71715DCKT TI1-TPS71715DCKT Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results

Similar Description - TPS71715DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS717XX TI-TPS717XX_09 Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
TPS717 TI1-TPS717_16 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI1-TPS717-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS71750-Q1 TI1-TPS71750-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150-mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com